Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFHM8235TRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFHM8235TRPBF
Description  Control MOSFET for synchronous buck converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8235TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFHM8235TRPBF Datasheet HTML 1Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 2Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 3Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 4Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 5Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 6Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 7Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 8Page - International Rectifier IRFHM8235TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
IRFHM8235PbF
4
www.irf.com
© 2013 International Rectifier
August 21, 2013
Fig 8. Maximum Safe Operating Area
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 9. Maximum Drain Current vs. Case Temperature
Fig 10.
Threshold Voltage Vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.8
1.2
1.6
2.0
2.4
2.8
ID = 25µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
Limited by source
bonding technology
25
50
75
100
125
150
TC , Case Temperature (°C)
0
11
22
33
44
55
Limited by source
bonding technology


Similar Part No. - IRFHM8235TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM8235PBF IRF-IRFHM8235PBF Datasheet
753Kb / 10P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM8235PBF INFINEON-IRFHM8235PBF Datasheet
706Kb / 11P
   Control MOSFET for synchronous buck converter
2016-2-23
logo
International Rectifier
IRFHM8235PBF IRF-IRFHM8235PBF_15 Datasheet
753Kb / 10P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM8235TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8303PBF IRF-IRFH8303PBF Datasheet
513Kb / 8P
   Control MOSFET for synchronous buck converter
logo
Infineon Technologies A...
IRFHM8235PBF INFINEON-IRFHM8235PBF Datasheet
706Kb / 11P
   Control MOSFET for synchronous buck converter
2016-2-23
IRFHM4231PBF INFINEON-IRFHM4231PBF Datasheet
522Kb / 10P
   Control MOSFET for synchronous buck converter
2016-2-26
IRFHM4234TRPBF INFINEON-IRFHM4234TRPBF Datasheet
515Kb / 10P
   Control MOSFET for synchronous buck converter
2016-2-26
IRFHM8342TRPBF INFINEON-IRFHM8342TRPBF Datasheet
586Kb / 11P
   Control MOSFET for synchronous buck converter
2016-2-23
logo
International Rectifier
IRFHM4234TRPBF IRF-IRFHM4234TRPBF Datasheet
288Kb / 9P
   Control MOSFET for synchronous buck converter
IRFHM4234PBF IRF-IRFHM4234PBF Datasheet
288Kb / 9P
   Control MOSFET for synchronous buck converter
IRFHM8342PBF IRF-IRFHM8342PBF Datasheet
364Kb / 9P
   Control MOSFET for synchronous buck converter
logo
Infineon Technologies A...
IRFH8303PBF INFINEON-IRFH8303PBF Datasheet
582Kb / 10P
   Control MOSFET for synchronous buck converter
2017-01-24
logo
International Rectifier
IRFHM8228PBF IRF-IRFHM8228PBF Datasheet
368Kb / 9P
   Control or synchronous MOSFET for synchronous buck converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com