Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

786158 Datasheet(PDF) 1 Page - C&D Technologies

Part # 786158
Description  Pulse Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

786158 Datasheet(HTML) 1 Page - C&D Technologies

  786158 Datasheet HTML 1Page - C&D Technologies 786158 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
786 SERIES
Pulse Transformers
www.dc-dc.com
Order Code1
µH
Vµs
µH
pF
Vrms
78601/4
1:1
100
4
0.19
8
0.17
78601/3
1:1
200
6
0.20
14
0.25
78601/2
1:1
500
10
0.25
22
0.34
78601/8
1:1
1000
15
0.29
35
0.45
1000
1
78601/1
1:1
2000
20
0.47
49
0.60
78601/16
1:1
5000
28
0.47
78
0.84
78601/9
1:1
10000
56
0.86
121
1.30
78602/4
1:1:1
100
4
0.11
12
0.18
78602/3
1:1:1
200
6
0.17
19
0.24
78602/2
1:1:1
500
10
0.27
32
0.34
78602/8
1:1:1
1000
15
0.35
47
0.46
1000
2
78602/1
1:1:1
2000
20
0.60
72
0.66
78602/16
1:1:1
5000
28
0.71
116
0.92
78602/9
1:1:1
10000
56
0.71
167
1.34
78604/4
2:1
100
4
0.41
4
0.18
78604/3
2:1
200
6
0.49
9
0.25
78604/2
2:1
500
10
0.65
13
0.34
78604/8
2:1
1000
15
0.76
20
0.46
1000
1
78604/1
2:1
2000
20
0.99
29
0.60
78604/16
2:1
5000
28
1.61
50
0.85
78604/9
2:1
10000
56
1.64
72
1.23
78613/4
1CT:1
100
4
0.30
7
0.20
78613/3
1CT:1
200
6
0.65
12
0.25
78613/2
1CT:1
500
10
1.07
20
0.36
78613/8
1CT:1
1000
15
1.13
35
0.48
1000
3
78613/1
1CT:1
2000
20
1.53
47
0.63
78613/16
1CT:1
5000
28
1.98
64
0.88
78613/9
1CT:1
10000
56
3.83
72
1.33
78615/4
1CT:1CT
100
4
1.21
3
0.17
78615/3
1CT:1CT
200
6
3.64
5
0.24
78615/2
1CT:1CT
500
10
6.86
7
0.34
78615/8
1CT:1CT
1000
15
11.9
10
0.45
1000
4
78615/1
1CT:1CT
2000
20
16.0
16
0.60
78615/16
1CT:1CT
5000
28
37.7
20
0.87
78615/9
1CT:1CT
10000
56
44.5
19
1.33
FEATURES
s
5 Configurations
s
Inductance to 10mH
s
SMD and DIP Versions
s
Toroidal Construction
s
Fully Encapsulated
s
Isolation to 1kVrms
s
UL 94V-0 Package Materials
DESCRIPTION
The 786 series is a comprehensive range of
general purpose pulse transformers. Common
applications include line coupling, matching
or isolating. The devices can also be used in
small isolated power supplies and also as
common-mode chokes in filtering applications.
Operating free air temperature range
0°C to 70°C
Storage temperature range
--60°C to 125°C
Lead Temperature 1.5mm from case for 10 seconds
300°C
ABSOLUTE MAXIMUM RATINGS
SELECTION GUIDE
All specifications typical at TA =25°C
1. If components are required in SMD, suffix order code with ‘M-R’ e.g. 78601/1M-R.


Similar Part No. - 786158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78615 ETC2-78615 Datasheet
214Kb / 1P
   Wiha Quality Tools Toll Free: (800) 494-6104
logo
Murata Manufacturing Co...
78615/16C MURATA-78615/16C Datasheet
159Kb / 4P
   General Purpose Pulse Transformers
logo
Murata Power Solutions ...
78615/16C MURATA-PS-78615/16C Datasheet
110Kb / 4P
   General Purpose Pulse Transformers
78615/16C MURATA-PS-78615/16C Datasheet
162Kb / 7P
   General Purpose Pulse Transformers
2021
78615/16JC MURATA-PS-78615/16JC Datasheet
121Kb / 4P
   Surface Mount General Purpose Pulse Transformers
More results

Similar Description - 786158

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
   Pulse Transformers
logo
TDK Electronics
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
   Pulse transformers
logo
C&D Technologies
766 CANDD-766 Datasheet
302Kb / 2P
   Pulse Transformers
logo
List of Unclassifed Man...
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
   Pulse Transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
   Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
   PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
   PULSE TRANSFORMERS
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
   Pulse Transformers
logo
Murata Power Solutions ...
772 MURATA-PS-772 Datasheet
206Kb / 3P
   Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
   Pulse transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com