Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQW18AN6N2C00 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQW18AN6N2C00
Description  Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW18AN6N2C00 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQW18AN6N2C00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW18AN6N2C00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW18AN6N2C00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW18AN6N2C00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Horizontal Wire Wound
2011.9.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A_00 Series (0603 Size)
c Dimensions
1.6±0.2
*1 0.8±0.2
0.80±0.15
(in mm)
0.3±0.1
0.3±0.1
*1 LQW18AN_10: 0.8±0.3
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
500
c Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency Rated Current Max. of DC Resistance Q (min.) Test Frequency Self Resonance Frequency (min.)
LQW18AN2N2D00
p 2.2nH ±0.5nH
100MHz
700mA
0.049ohm
16
250MHz
6000MHz
LQW18AN3N6C00
p 3.6nH ±0.2nH
100MHz
850mA
0.059ohm
25
250MHz
6000MHz
LQW18AN3N6D00
p 3.6nH ±0.5nH
100MHz
850mA
0.059ohm
25
250MHz
6000MHz
LQW18AN3N9C00
p 3.9nH ±0.2nH
100MHz
850mA
0.059ohm
35
250MHz
6000MHz
LQW18AN3N9D00
p 3.9nH ±0.5nH
100MHz
850mA
0.059ohm
35
250MHz
6000MHz
LQW18AN4N3C00
p 4.3nH ±0.2nH
100MHz
850mA
0.059ohm
35
250MHz
6000MHz
LQW18AN4N3D00
p 4.3nH ±0.5nH
100MHz
850mA
0.059ohm
35
250MHz
6000MHz
LQW18AN4N7D00
p 4.7nH ±0.5nH
100MHz
850mA
0.059ohm
35
250MHz
6000MHz
LQW18AN5N6C00
p 5.6nH ±0.2nH
100MHz
750mA
0.082ohm
35
250MHz
6000MHz
LQW18AN5N6D00
p 5.6nH ±0.5nH
100MHz
750mA
0.082ohm
35
250MHz
6000MHz
LQW18AN6N2C00
p 6.2nH ±0.2nH
100MHz
750mA
0.082ohm
35
250MHz
6000MHz
LQW18AN6N2D00
p 6.2nH ±0.5nH
100MHz
750mA
0.082ohm
35
250MHz
6000MHz
LQW18AN6N8C00
p 6.8nH ±0.2nH
100MHz
750mA
0.082ohm
35
250MHz
6000MHz
LQW18AN6N8D00
p 6.8nH ±0.5nH
100MHz
750mA
0.082ohm
35
250MHz
6000MHz
LQW18AN7N5C00
p 7.5nH ±0.2nH
100MHz
750mA
0.082ohm
35
250MHz
6000MHz
LQW18AN7N5D00
p 7.5nH ±0.5nH
100MHz
750mA
0.082ohm
35
250MHz
6000MHz
LQW18AN8N2C00
p 8.2nH ±0.2nH
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN8N2D00
p 8.2nH ±0.5nH
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN8N7C00
p 8.7nH ±0.2nH
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN8N7D00
p 8.7nH ±0.5nH
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN9N1C00
p 9.1nH ±0.2nH
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN9N1D00
p 9.1nH ±0.5nH
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN9N5D00
p 9.5nH ±0.5nH
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN10NG00
p
10nH ±2%
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN10NJ00
p
10nH ±5%
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
LQW18AN11NG00
p
11nH ±2%
100MHz
650mA
0.11ohm
35
250MHz
6000MHz
Operating Temperature Range (Self-temperature rise is not included): -55 to +125°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW18AN6N2C00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18AN6N2C00 MURATA-LQW18AN6N2C00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQW18AN6N2C00 MURATA-LQW18AN6N2C00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN6N2C00 MURATA-LQW18AN6N2C00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN6N2C00 MURATA-LQW18AN6N2C00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN6N2C00 MURATA-LQW18AN6N2C00 Datasheet
77Kb / 2P
   Inductor
More results

Similar Description - LQW18AN6N2C00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N5B00D MURATA-LQW15AN1N5B00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N3C10D MURATA-LQW15AN1N3C10D Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN30NG00D MURATA-LQW15AN30NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN27NG10D MURATA-LQW18AN27NG10D Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN20NG00D MURATA-LQW18AN20NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN2N2D00D MURATA-LQW18AN2N2D00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18AN39NG00D MURATA-LQW18AN39NG00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18A-00 MURATA-LQW18A-00 Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com