Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC0063W06030R Datasheet(PDF) 8 Page - Analog Devices

Part # MC0063W06030R
Description  EVAL-AD7903SDZ User Guide UG-609
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MC0063W06030R Datasheet(HTML) 8 Page - Analog Devices

Back Button MC0063W06030R Datasheet HTML 4Page - Analog Devices MC0063W06030R Datasheet HTML 5Page - Analog Devices MC0063W06030R Datasheet HTML 6Page - Analog Devices MC0063W06030R Datasheet HTML 7Page - Analog Devices MC0063W06030R Datasheet HTML 8Page - Analog Devices MC0063W06030R Datasheet HTML 9Page - Analog Devices MC0063W06030R Datasheet HTML 10Page - Analog Devices MC0063W06030R Datasheet HTML 11Page - Analog Devices MC0063W06030R Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
UG-609
EVAL-AD7903SDZ User Guide
Rev. 0 | Page 8 of 32
EVALUATION BOARD HARDWARE
DEVICE DESCRIPTION
The AD7903 is a 16-bit, 1 MSPS, precision, power efficient, dual
differential PulSAR ADC that uses SAR-based architecture and
does not exhibit any pipeline delay or latency. The AD7903 is
specified for use with a single supply of 2.5 V (VDD1, VDD2).
The interface from the digital host to the AD7903 uses 1.8 V/
2.5 V/3.3 V/5.5 V logic. The AD7903 is compatible with the
SPI/QSPI/MICROWIRE/DSP serial interface to transfer data
conversions. Complete AD7903 specifications are provided in
the AD7903 data sheet and should be consulted in conjunction
with this user guide when using the evaluation board. Full
details on the EVAL-SDP-CB1Z are available on the Analog
Devices website, at www.analog.com.
Figure 26 to Figure 31 show the evaluation board schematics.
The board consists of an AD7903 ADC (U1) with a reference
(U6—ADR435), and several ADC drivers (U12, U14, U16, and
U17—ADA4841-1YRZ). The evaluation board is a flexible
design that enables you to adjust compensation components
and operate the evaluation board from an adjustable bench top
power supply.
POWER SUPPLIES
The evaluation board can be powered from a wall adapter or
from a bench top power supply. By default, the board is set up
to operate from a 9 V wall adapter using the on-board power
supplies described in Table 1.
Table 1. Power Supplies Provided on the Board
Power Supply (V)
Function
Components Used
+5
SDP power
ADP2301
+7.5
Positive rail
ADP7104
−2.5
Negative rail
ADP2301
+2.5
ADC VDD rail
ADP7104
+3.3
VDRIVE (digital power)
ADP7104
Each on-board power supply is decoupled where it enters the
board as well as where it connects to each device. A single ground
plane is used on this board to minimize the effect of high frequency
noise interference.
Alternatively, the board can be powered from a bench top power
supply by using the J2 and J3 screw terminals and changing the
SL1 to SL4 and LK3 to LK5 solder link settings to Position B (see
Table 2). When bench top power is used, use of the wall adapter
and the on-board power supplies are no longer required.
Table 2. Solder Links—Settings for Bench Top Power Supply1
Link
Setting
Function
SL1
B
+VS
SL2
B
−VS
SL3
B
−VS
SL4
B
+VS
LK3
B
V_SDP
LK4
B
VREF
LK5
B
VDD for ADC
1
All other solder link settings are as described in Table 3.


Similar Part No. - MC0063W06030R

ManufacturerPart #DatasheetDescription
logo
C&K Components
MC00 CK-COMPONENTS-MC00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
List of Unclassifed Man...
MC000048 ETC2-MC000048 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000049 ETC2-MC000049 Datasheet
217Kb / 2P
   5.08 mm Screw Terminal
MC000992 ETC2-MC000992 Datasheet
213Kb / 1P
   USB C Male to USB 3.1 A Male Cable 1m
MC000993 ETC2-MC000993 Datasheet
169Kb / 1P
   USB 2.0 Micro B Male to C Male Cable 1m
More results

Similar Description - MC0063W06030R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-851 AD-UG-851 Datasheet
1Mb / 15P
   EVAL-AD7606SDZ/EVAL-AD7607SDZ/EVAL-AD7608SDZ User Guide
UG-223 AD-UG-223 Datasheet
743Kb / 20P
   This user guide describes the EVAL-AD7193EBZ evaluation
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
   EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com