Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDMF5820DCCT-ND Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FDMF5820DCCT-ND
Description  FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF5820DCCT-ND Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FDMF5820DCCT-ND Datasheet HTML 7Page - Fairchild Semiconductor FDMF5820DCCT-ND Datasheet HTML 8Page - Fairchild Semiconductor FDMF5820DCCT-ND Datasheet HTML 9Page - Fairchild Semiconductor FDMF5820DCCT-ND Datasheet HTML 10Page - Fairchild Semiconductor FDMF5820DCCT-ND Datasheet HTML 11Page - Fairchild Semiconductor FDMF5820DCCT-ND Datasheet HTML 12Page - Fairchild Semiconductor FDMF5820DCCT-ND Datasheet HTML 13Page - Fairchild Semiconductor FDMF5820DCCT-ND Datasheet HTML 14Page - Fairchild Semiconductor FDMF5820DCCT-ND Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF5820DC • Rev. 1.0.1
11
Functional Description
The SPS FDMF5820DC is a driver-plus-MOSFET
module optimized for the synchronous buck converter
topology. A PWM input signal is required to properly
drive the high-side and the low-side MOSFETs. The part
is capable of driving speed up to 1.5 MHz.
Power-On Reset (POR)
The PWM input stage should incorporate a POR feature
to ensure both LDRV and HDRV are forced inactive
(LDRV = HDRV = 0) until UVLO > ~ 3.8 V (rising
threshold). After all gate drive blocks are fully powered
on and have finished the startup sequence, the internal
driver IC EN_PWM signal is released HIGH, enabling
the driver outputs. Once the driver POR has finished
(<20 µs maximum), the driver follows the state of the
PWM signal (it is assumed that at startup the controller
is either in a high-impedance state or forcing the PWM
signal to be within the driver 3-state window).
Three conditions below must be supported for normal
startup / power-up.
VCC rises to 5 V, then EN goes HIGH;
EN pin is tied to the VCC pin;
EN is commanded HIGH prior to 5 V VCC reaching
the UVLO rising threshold.
The POR method is to increase the VCC over than UVLO
> rising threshold and EN = HIGH.
Under-Voltage Lockout (UVLO)
UVLO is performed on VCC only, not on PVCC or VIN.
When the EN is set HIGH and VCC is rising over the
UVLO threshold level (3.8 V), the part starts switching
operation after a maximum 20 µs POR delay. The delay
is implemented to ensure the internal circuitry is biased,
stable, and ready to operate. Two VCC pins are
provided: PVCC and VCC. The gate driver circuitry is
powered from the PVCC rail. The user connects PVCC
to VCC through a low-pass R-C filter. This provides a
filtered 5 V bias to the analog circuitry on the IC.
Figure 26.
UVLO on VCC
EN / FAULT# (Enable / Fault Flag)
The driver can be disabled by pulling the EN / FAULT#
pin LOW (EN < VIL_EN), which holds both GL and GH
LOW regardless of the PWM input state. The driver can
be enabled by raising the EN / FAULT# pin voltage
HIGH (EN > VIH_EN). The driver IC has less than 3 µA
shutdown current when it is disabled. Once the driver is
re-enabled, it takes a maximum of 20 µs startup time.
EN / FAULT# pin is an open-drain output for fault flag
with an internal 250 kΩ pull-down resistor. Logic HIGH
signal from PWM controller or a ~ 10 kΩ external pull-up
resistor from EN / FAULT# pin to VCC is required to
start driver operation.
Table 1.
UVLO and Enable Logic
UVLO
EN
Driver State
0
X
Disabled (GH & GL = 0)
1
0
Disabled (GH & GL = 0)
1
1
Enabled (see Table 2)
1
Open
Disabled (GH & GL = 0)
The EN / FAULT# pin has two functions: enabling /
disabling driver and fault flag. The fault flag signal is
active LOW. When the driver detects a fault condition
during operation, it turns on the open-drain on the EN /
FAULT# pin and the pin voltage is pulled LOW. The
fault conditions are:
High-side MOSFET false turn-on or VIN ~ SW short
during low-side MOSFET turn on;
P-THDN by exceeding 1.5 V on TMON pin.
When the driver detects a fault condition and disables
itself, a POR event on VCC is required to restart the
driver operation.
3-State PWM Input
The FDMF5820DC incorporates a 3-state 3.3 V PWM
input gate drive design. The 3-state gate drive has both
logic HIGH and LOW levels, along with a 3-state
shutdown window. When the PWM input signal enters
and remains within the 3-state window for a defined
hold-off time (tD_HOLD-OFF), both GL and GH are pulled
LOW. This feature enables the gate drive to shut down
both the high-side and the low-side MOSFETs to
support features such as phase shedding, a common
feature on multi-phase voltage regulators.
Table 2.
EN / PWM / 3-State / ZCD# Logic States
EN
PWM
ZCD#
GH
GL
0
X
X
0
0
1
3-State
X
0
0
1
0
0
0
1 (IL > 0), 0 (IL < 0)
1
1
0
1
0
1
0
1
0
1
1
1
1
1
0


Similar Part No. - FDMF5820DCCT-ND

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
   Smart Power Stage Module with Integrated Temperature Monitor
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
More results

Similar Description - FDMF5820DCCT-ND

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
logo
Fairchild Semiconductor
FDMF5821DCCT-ND FAIRCHILD-FDMF5821DCCT-ND Datasheet
1Mb / 25P
   FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5826DCCT-ND FAIRCHILD-FDMF5826DCCT-ND Datasheet
1Mb / 25P
   FDMF5826DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
   Smart Power Stage Module with Integrated Temperature Monitor
logo
ON Semiconductor
FDMF5820TDC ONSEMI-FDMF5820TDC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module with Integrated Thermal Warning
May 2016 Rev. 1.1
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
   Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF5823DC ONSEMI-FDMF5823DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module
Rev. 1.9
FDMF3039 ONSEMI-FDMF3039 Datasheet
970Kb / 22P
   Smart Power Stage (SPS) Module
August 2017 Rev. 2
FDMF5833 ONSEMI-FDMF5833 Datasheet
2Mb / 25P
   Smart Power Stage (SPS) Module
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com