Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCX10S48050 Datasheet(PDF) 5 Page - C&D Technologies

Part # NCX10S48050
Description  Isolated 10W Single Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NCX10S48050 Datasheet(HTML) 5 Page - C&D Technologies

  NCX10S48050 Datasheet HTML 1Page - C&D Technologies NCX10S48050 Datasheet HTML 2Page - C&D Technologies NCX10S48050 Datasheet HTML 3Page - C&D Technologies NCX10S48050 Datasheet HTML 4Page - C&D Technologies NCX10S48050 Datasheet HTML 5Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: pedmktg@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2003
NDC NCX10S.1
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
MECHANICAL DIMENSIONS
NCX10S SERIES
Isolated 10W Single Output DC/DC Converters
0.20 (5.0)
0.01 (2.51) MAX
0.20 (5.00)
1.57 (40.0)
0.14 (3.60)
0.10±0.004
(2.59±0.1)
1.58 (40.03)
1.12 ±0.016
(28.4 ±0.4)
0.82
(20.75)
1.17
(29.6)
0.94
(24.0)
0.31
(7.75)
MAX
0.008(0.2) M
P
S
S
0.004(0.1)
18 Pins
0.09±0.001 (2.27±0.25)
DETAIL A
S
0.010±0.002
(0.25±0.05)
REFERENCE PLANE
0.049±0.008
(1.24±0.2)
x18 Pins
0.197
(0.50)
±5.00°
0.008(0.2) M
P
S
Detail A
Recommended Footprint Details
Pin Connections
1
18
17
16
15
14
13
12
11
10
23
456789
All pins on a 0.1(2.54) pitch and within
±0.01(0.25) of true position.
Unless otherwise stated all dimensions in
inches(mm) ±0.01(0.25).
PIN
NCX10SXXXXX NCX10SXXXXXY
1+VOUT
+VOUT
2–VOUT
–VOUT
3-7
NC
NC
8VADJ
VADJ
9-10
NC
NC
11
SD
SD
12-16
NC
NC
17
–VIN
+VIN
18
+VIN
–VIN
Package Weight: 8.3g
1.75 (44.56)
18 Pin SMD Package Style
0.315±0.004
(8.00±0.10)


Similar Part No. - NCX10S48050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2200 PHILIPS-NCX2200_15 Datasheet
1Mb / 18P
   Low voltage comparator
Rev. 6-9 July 2014
NCX2202 NXP-NCX2202 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202GM NXP-NCX2202GM Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202GW NXP-NCX2202GW Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
More results

Similar Description - NCX10S48050

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH10S CANDD-NPH10S Datasheet
103Kb / 2P
   Isolated 10W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NPH10S2405IC MURATA-NPH10S2405IC Datasheet
281Kb / 8P
   Isolated 10W Single Output DC/DC Converters
logo
Minmax Technology Co., ...
IDS100 MINMAX-IDS100 Datasheet
241Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Total Power Internation...
IDS100 TOTAL-POWER-IDS100 Datasheet
360Kb / 6P
   10W, Step-Down, Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com