Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3021-1.2 Datasheet(PDF) 3 Page - Linear Dimensions Semiconductor

Part # LT3021-1.2
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT3021-1.2 Datasheet(HTML) 3 Page - Linear Dimensions Semiconductor

  LT3021-1.2 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT3021-1.2 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT3021-1.2 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT3021-1.2 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT3021-1.2 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT3021-1.2 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT3021-1.2 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT3021-1.2 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT3021-1.2 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
3
3021fc
ORDER INFORMAITON
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3021EDH#PBF
LT3021EDH#TRPBF
3021
16-Lead (5mm
× 5mm) Plastic DFN
–40°C to 125°C
LT3021EDH-1.2#PBF
LT3021EDH-1.2#TRPBF
302112
16-Lead (5mm
× 5mm) Plastic DFN
–40°C to 125°C
LT3021EDH-1.5#PBF
LT3021EDH-1.5#TRPBF
302115
16-Lead (5mm
× 5mm) Plastic DFN
–40°C to 125°C
LT3021EDH-1.8#PBF
LT3021EDH-1.8#TRPBF
302118
16-Lead (5mm
× 5mm) Plastic DFN
–40°C to 125°C
LT3021ES8#PBF
LT3021ES8#TRPBF
3021
8-Lead Plastic SO
–40°C to 125°C
LT3021ES8-1.2#PBF
LT3021ES8-1.2#TRPBF
302112
8-Lead Plastic SO
–40°C to 125°C
LT3021ES8-1.5#PBF
LT3021ES8-1.5#TRPBF
302115
8-Lead Plastic SO
–40°C to 125°C
LT3021ES8-1.8#PBF
LT3021ES8-1.8#TRPBF
302118
8-Lead Plastic SO
–40°C to 125°C
LT3021IS8-1.8#PBF
LT3021IS8-1.8#TRPBF
302118
8-Lead Plastic SO
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3021EDH
LT3021EDH#TR
3021
16-Lead (5mm
× 5mm) Plastic DFN
–40°C to 125°C
LT3021EDH-1.2
LT3021EDH-1.2#TR
302112
16-Lead (5mm
× 5mm) Plastic DFN
–40°C to 125°C
LT3021EDH-1.5
LT3021EDH-1.5#TR
302115
16-Lead (5mm
× 5mm) Plastic DFN
–40°C to 125°C
LT3021EDH-1.8
LT3021EDH-1.8#TR
302118
16-Lead (5mm
× 5mm) Plastic DFN
–40°C to 125°C
LT3021ES8
LT3021ES8#TR
3021
8-Lead Plastic SO
–40°C to 125°C
LT3021ES8-1.2
LT3021ES8-1.2#TR
302112
8-Lead Plastic SO
–40°C to 125°C
LT3021ES8-1.5
LT3021ES8-1.5#TR
302115
8-Lead Plastic SO
–40°C to 125°C
LT3021ES8-1.8
LT3021ES8-1.8#TR
302118
8-Lead Plastic SO
–40°C to 125°C
LT3021IS8-1.8
LT3021IS8-1.8#TR
302118
8-Lead Plastic SO
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT3021-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.2 LINER-LT3021-1.2 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3021-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com