Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3V3-BATT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # P3V3-BATT
Description  FRDM-KL46Z Users Manual
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P3V3-BATT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button P3V3-BATT Datasheet HTML 3Page - Freescale Semiconductor, Inc P3V3-BATT Datasheet HTML 4Page - Freescale Semiconductor, Inc P3V3-BATT Datasheet HTML 5Page - Freescale Semiconductor, Inc P3V3-BATT Datasheet HTML 6Page - Freescale Semiconductor, Inc P3V3-BATT Datasheet HTML 7Page - Freescale Semiconductor, Inc P3V3-BATT Datasheet HTML 8Page - Freescale Semiconductor, Inc P3V3-BATT Datasheet HTML 9Page - Freescale Semiconductor, Inc P3V3-BATT Datasheet HTML 10Page - Freescale Semiconductor, Inc P3V3-BATT Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 7 of 17
5 FRDM-KL46Z Hardware Description
5.1.1 Power Supply
There are multiple power supply options on the FRDM-KL46Z. It can be powered from either of the USB
connectors, the VIN pin on the I/O header, an on-board coin cell battery, or an off-board 1.71-3.6V supply
from the 3.3V pin on the I/O header. The USB and VIN supplies are regulated on-board using a 3.3V linear
regulator to produce the main power supply. The other two sources are not regulated on-board. Table 2
provides the operational details and requirements for the power supplies.
Table 2. FRDM-KL46 Power Requirements
Supply Source
Valid Range
OpenSDA Operational?
Regulated on-
board?
OpenSDA USB
5V
Yes
Yes
K20 USB
5V
No
Yes
VIN Pin
4.3-9V
No
Yes
3.3V Pin
1.71-3.6V
No
No
Coin Cell
Battery
1.71-3.6V
No
No
Note that the OpenSDA circuit is only operational when a USB cable is connected and supplying power to
OpenSDA USB. However, protection circuitry is in place to allow multiple sources to be powered at once.
Figure 3- Power Supply Schematic


Similar Part No. - P3V3-BATT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P3V3 NXP-P3V3 Datasheet
1Mb / 17P
   FRDM-KL46Z User’s Manual
Rev. 1.0
logo
Semtech Corporation
P3V3B SEMTECH-P3V3B Datasheet
111Kb / 2P
   Silicon Planar Power Zener Diodes?
logo
SEMTECH ELECTRONICS LTD...
P3V3FB1 SEMTECH_ELEC-P3V3FB1 Datasheet
205Kb / 3P
   ZENER DIODES
P3V3FB2 SEMTECH_ELEC-P3V3FB2 Datasheet
205Kb / 3P
   ZENER DIODES
logo
NXP Semiconductors
P3V3_BATT NXP-P3V3_BATT Datasheet
1Mb / 17P
   FRDM-KL46Z User’s Manual
Rev. 1.0
More results

Similar Description - P3V3-BATT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FRDM-KL46Z NXP-FRDM-KL46Z Datasheet
1Mb / 17P
   FRDM-KL46Z User’s Manual
Rev. 1.0
logo
Freescale Semiconductor...
FRDM-KL25Z FREESCALE-FRDM-KL25Z Datasheet
1Mb / 14P
   FRDM-KL25Z Users Manual
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
   USERS MANUAL
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
   USERS MANUAL
REV 2.3 August 8, 2011
logo
Hynix Semiconductor
GMS30C2116 HYNIX-GMS30C2116 Datasheet
1Mb / 322P
   USERS MANUAL
logo
Freescale Semiconductor...
MC68LC040RC25A FREESCALE-MC68LC040RC25A Datasheet
3Mb / 442P
   M68040 Users Manual
logo
Motorola, Inc
MC68020 MOTOROLA-MC68020 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
Micro Commercial Compon...
MCF5407AI162 MCC-MCF5407AI162 Datasheet
5Mb / 546P
   Integrated Microprocessor Users Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com