Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3021EDH-1.8 Datasheet(PDF) 11 Page - Linear Dimensions Semiconductor

Part # LT3021EDH-1.8
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT3021EDH-1.8 Datasheet(HTML) 11 Page - Linear Dimensions Semiconductor

Back Button LT3021EDH-1.8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT3021EDH-1.8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT3021EDH-1.8 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT3021EDH-1.8 Datasheet HTML 10Page - Linear Dimensions Semiconductor LT3021EDH-1.8 Datasheet HTML 11Page - Linear Dimensions Semiconductor LT3021EDH-1.8 Datasheet HTML 12Page - Linear Dimensions Semiconductor LT3021EDH-1.8 Datasheet HTML 13Page - Linear Dimensions Semiconductor LT3021EDH-1.8 Datasheet HTML 14Page - Linear Dimensions Semiconductor LT3021EDH-1.8 Datasheet HTML 15Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
11
3021fc
APPLICATIONS INFORMATION
amounts of noise. A ceramic capacitor produced Figure
4’s trace in response to light tapping from a pencil. Similar
vibration induced behavior can masquerade as increased
output voltage noise.
No-Load/Light-Load Recovery
Atransientloadstepoccurswhentheoutputcurrentchanges
from its maximum level to zero current or a very small load
current. The output voltage responds by overshooting until
the regulator lowers the amount of current it delivers to the
new level. The regulator loop response time and the amount
ofoutputcapacitancecontroltheamountofovershoot.Once
the regulator has decreased its output current, the current
provided by the resistor divider (which sets VOUT) is the
only current remaining to discharge the output capacitor
from the level to which it overshot. The amount of time it
takes for the output voltage to recover easily extends to
milliseconds with microamperes of divider current and a
few microfarads of output capacitance.
To eliminate this problem, the LT3021 incorporates a
no-load or light-load recovery circuit. This circuit is a
voltage-controlled current sink that significantly improves
the light load transient response time by discharging the
output capacitor quickly and then turning off. The cur-
rent sink turns on when the output voltage exceeds 6%
of the nominal output voltage. The current sink level is
then proportional to the overdrive above the threshold
up to a maximum of approximately 15mA. Consult the
curve in the Typical Performance Characteristics for the
No-Load Recovery Threshold.
If external circuitry forces the output above the no load
recovery circuit’s threshold, the current sink turns on in
an attempt to restore the output voltage to nominal. The
current sink remains on until the external circuitry releases
the output. However, if the external circuitry pulls the output
voltage above the input voltage, or the input falls below
the output, the LT3021 turns the current sink off and shuts
down the bias current/reference generator circuitry.
Thermal Considerations
The LT3021’s power handling capability is limited by
its maximum rated junction temperature of 125°C. The
power dissipated by the device is comprised of two
components:
1. Output current multiplied by the input-to-output voltage
differential: (IOUT)(VIN – VOUT) and
2. GND pin current multiplied by the input voltage:
(IGND)(VIN).
GND pin current is found by examining the GND pin current
curves in the Typical Performance Characteristics. Power
dissipation is equal to the sum of the two components
listed above.
Figure 2. Ceramic Capacitor DC Bias Characteristics
Figure 3. Ceramic Capacitor Temperature Characteristics
Figure 4. Noise Resulting from Tapping on a Ceramic Capacitor
DC BIAS VOLTAGE (V)
3021 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3021 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
1ms/DIV
VOUT = 1.3V
COUT = 10F
ILOAD = 0
3021 F04
1mV/DIV


Similar Part No. - LT3021EDH-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021EDH-1.8 LINER-LT3021EDH-1.8 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3021EDH-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com