Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3021ES8-1.2 Datasheet(PDF) 10 Page - Linear Dimensions Semiconductor

Part # LT3021ES8-1.2
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT3021ES8-1.2 Datasheet(HTML) 10 Page - Linear Dimensions Semiconductor

Back Button LT3021ES8-1.2 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT3021ES8-1.2 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT3021ES8-1.2 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT3021ES8-1.2 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT3021ES8-1.2 Datasheet HTML 10Page - Linear Dimensions Semiconductor LT3021ES8-1.2 Datasheet HTML 11Page - Linear Dimensions Semiconductor LT3021ES8-1.2 Datasheet HTML 12Page - Linear Dimensions Semiconductor LT3021ES8-1.2 Datasheet HTML 13Page - Linear Dimensions Semiconductor LT3021ES8-1.2 Datasheet HTML 14Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
10
3021fc
APPLICATIONS INFORMATION
The LT3021 is a very low dropout linear regulator capable
of 1V input supply operation. Devices supply 500mA of
output current and dropout voltage is typically 155mV.
Quiescent current is typically 120μA and drops to 3μA in
shutdown. The LT3021 incorporates several protection
features, making it ideal for use in battery-powered sys-
tems. The device protects itself against reverse-input and
reverse-output voltages. In battery backup applications
where the output is held up by a backup battery when the
input is pulled to ground, the LT3021 acts as if a diode is
in series with its output which prevents reverse current
flow. In dual supply applications where the regulator
load is returned to a negative supply, the output can be
pulled below ground by as much as 10V without affecting
start-up or normal operation.
Adjustable Operation
The LT3021’s output voltage range is 0.2V to 9.5V. Figure
1 shows that the output voltage is set by the ratio of two
external resistors. The device regulates the output to main-
tain the ADJ pin voltage at 200mV referenced to ground.
The current in R1 equals 200mV/R1 and the current in R2
is the current in R1 minus the ADJ pin bias current. The
ADJ pin bias current of 20nA flows out of the pin. Use
the formula in Figure 1 to calculate output voltage. An R1
value of 20k sets the resistor divider current to 10μA. Note
that in shutdown the output is turned off and the divider
current is zero. Curves of ADJ Pin Voltage vs Temperature
and ADJ Pin Bias Current vs Temperature appear in the
Typical Performance Characteristics section.
Specifications for output voltages greater than 200mV
are proportional to the ratio of desired output voltage to
200mV; (VOUT/200mV). For example, load regulation for
an output current change of 1mA to 500mA is typically
0.4mV at VADJ = 200mV. At VOUT = 1.5V, load regulation is:
(1.5V/200mV) • (0.4mV) = 3mV
Output Capacitance and Transient Response
The LT3021’s design is stable with a wide range of output
capacitors, but is optimized for low ESR ceramic capacitors.
The output capacitor’s ESR affects stability, most notably
with small value capacitors. Use a minimum output ca-
pacitor of 3.3μF with an ESR of 0.2Ω or less to prevent
oscillations. The LT3021 is a low voltage device, and output
load transient response is a function of output capacitance.
Larger values of output capacitance decrease the peak
deviations and provide improved transient response for
larger load current changes. For output capacitor values
greater than 22μF a small feedforward capacitor with a
value of 300pF across the upper divider resistor (R2 in
Figure 1) is required. Under extremely low output current
conditions (ILOAD < 30μA) a low frequency small signal
oscillation (200Hz/8mVP-P at 1.2V output) can occur.
A minimum load of 100μA is recommended to prevent
this instability.
Give extra consideration to the use of ceramic capacitors.
Manufacturers make ceramic capacitors with a variety of
dielectrics, each with a different behavior across tempera-
ture and applied voltage. The most common dielectrics
are Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics
provide high C-V products in a small package at low cost,
but exhibit strong voltage and temperature coefficients.
The X5R and X7R dielectrics yield highly stable character-
isitics and are more suitable for use as the output capacitor
at fractionally increased cost. The X5R and X7R dielectrics
both exhibit excellent voltage coefficient characteristics.
The X7R type works over a larger temperature range and
exhibits better temperature stability whereas X5R is less
expensive and is available in higher values. Figures 2 and
3 show voltage coefficient and temperature coefficient
comparisons between Y5V and X5R material.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress,
similar to the way a piezoelectric accelerometer or micro-
phone works. For a ceramic capacitor, the stress can be
induced by vibrations in the system or thermal transients.
The resulting voltages produced can cause appreciable
Figure 1. Adjustable Operation
IN
SHDN
R2
R1
3021 F01
OUT
VIN
ADJ
GND
LT3021
VOUT
+
R2
R1
VOUT = 200mV
VADJ = 200mV
IADJ = 20nA AT 25°C
OUTPUT RANGE = 0.2V TO 9.5V
1 +
– IADJ (R2)
()


Similar Part No. - LT3021ES8-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021ES8-1.2 LINER-LT3021ES8-1.2 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3021ES8-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com