Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

840836 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 840836
Description  FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

840836 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 840836 Datasheet HTML 2Page - Fairchild Semiconductor 840836 Datasheet HTML 3Page - Fairchild Semiconductor 840836 Datasheet HTML 4Page - Fairchild Semiconductor 840836 Datasheet HTML 5Page - Fairchild Semiconductor 840836 Datasheet HTML 6Page - Fairchild Semiconductor 840836 Datasheet HTML 7Page - Fairchild Semiconductor 840836 Datasheet HTML 8Page - Fairchild Semiconductor 840836 Datasheet HTML 9Page - Fairchild Semiconductor 840836 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
© 2012 Fairchild Semiconductor Corporation
6
FEBSPM3SPM45_M01MTCA
• Rev. 1.0.1
3. Specifications
This evaluation board has been designed and optimized for the conditions in Table 1.
Table 1. Electrical and Mechanical Requirements
Evaluation Board
Minimum
Maximum
Units
VIN_AC
90
265
VAC
VIN_DC
125
390
VDC
fIN_AC
50
60
Hz
Output Voltage
390
VDC
IOUT (per Phase)
7
(1,3,4)
ARMS
IOUT (per Phase)
15
(2,3,4,5)
ARMS
PS1 (SMPS)
VIN_AC
90
265
VAC
fVIN_AC
47
63
Hz
Output Voltage 1
3.3
VDC
Output Current 1
0.15
A
Output Voltage 2
5.0
VDC
Output Current 2
0.15
A
Output Voltage 3
15.75
VDC
Output Current 3
0.06
A
Notes:
1. See test configuration 1.
2. See test configuration 2 or 3.
3. A cooling fan may be required when operated for extended periods at high currents. Monitoring
heat sink temperature near the thermal interface of the SPM is recommended when testing at
high currents to ensure device remains within maximum thermal operating limits.
4. AC input voltage at 220 VAC.
5. This board is supplied with FNB41560 SPM45H motion SPM, rated at 600 V/15 A (TC=25°C,
non-switching). In typical applications, the FNB41560 would realistically be limited to 7.5 ARMS
(TC=100°C, 16 kHz switching). When the provided SPM is replaced with a high-current part, like
the FSBB30CH60C (SPM3), operation to 15 ARMS may be possible. Additional electrical/thermal
component changes may be necessary to support the higher currents. See test configurations.


Similar Part No. - 840836

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
840836 RICHCO-840836 Datasheet
39Kb / 1P
   QUICK FIT FUSE COVERS
More results

Similar Description - 840836

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com