Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK1A1907-05 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # BK1A1907-05
Description  FEBSPM3SPM45-M01MTCA Motion SPM3 45H Evaluation Board
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BK1A1907-05 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button BK1A1907-05 Datasheet HTML 5Page - Fairchild Semiconductor BK1A1907-05 Datasheet HTML 6Page - Fairchild Semiconductor BK1A1907-05 Datasheet HTML 7Page - Fairchild Semiconductor BK1A1907-05 Datasheet HTML 8Page - Fairchild Semiconductor BK1A1907-05 Datasheet HTML 9Page - Fairchild Semiconductor BK1A1907-05 Datasheet HTML 10Page - Fairchild Semiconductor BK1A1907-05 Datasheet HTML 11Page - Fairchild Semiconductor BK1A1907-05 Datasheet HTML 12Page - Fairchild Semiconductor BK1A1907-05 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2012 Fairchild Semiconductor Corporation
9
FEBSPM3SPM45_M01MTCA
• Rev. 1.0.1
3.2. Test Configuration #1
Use this configuration for motor current less than 7 ARMS. This is the default
configuration (see Figure 6).
1. Attach the 3-phase motor and MCU connections.
2. Connect the AC line voltage to J3 to charge the bulk capacitors and operate the
SMPS. The SMPS does not operate until the AC input voltage is greater than 90 VAC.
3. Fault indicator LED (D3) turns on when AC power is initially applied.
4. Press switch SW2 to reset the fault-detect circuit, turning off fault indicator D3.
5. Operate the MCU firmware to rotate the motor. More advanced control algorithms
may require additional connections to the MCU (i.e.: phase current sensing, motor
winding BEMF sensing, and bus voltage sensing).
AC Line Voltage
+
+
R16
R15
R17
R14
JP2
JP1
C42
R59
R58
R57 R56
R54
R51
R50
R53
R52
R55
C41
C17
R23
C24
C29
R41
R40
C33
C25
R27
R26
C27
C28
R25
R46
R47
R60
R61
R62
R63
D3
D5
D6
D7
C1
C3
C5
ZD4
ZD2
C38
C15
ZD3
MCU
Motor
Figure 6.
Test Configuration #1
SW2
D3


Similar Part No. - BK1A1907-05

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BK1-S505-1-25-R EATON-BK1-S505-1-25-R Datasheet
510Kb / 4P
   5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
BK1-S505-1-6-R EATON-BK1-S505-1-6-R Datasheet
510Kb / 4P
   5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
BK1-S505-1-R EATON-BK1-S505-1-R Datasheet
510Kb / 4P
   5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
BK1-S505-10-R EATON-BK1-S505-10-R Datasheet
510Kb / 4P
   5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
BK1-S505-12-R EATON-BK1-S505-12-R Datasheet
510Kb / 4P
   5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
More results

Similar Description - BK1A1907-05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com