Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8860IDRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8860IDRCT
Description  16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8860IDRCT Datasheet(HTML) 3 Page - Texas Instruments

  ADS8860IDRCT Datasheet HTML 1Page - Texas Instruments ADS8860IDRCT Datasheet HTML 2Page - Texas Instruments ADS8860IDRCT Datasheet HTML 3Page - Texas Instruments ADS8860IDRCT Datasheet HTML 4Page - Texas Instruments ADS8860IDRCT Datasheet HTML 5Page - Texas Instruments ADS8860IDRCT Datasheet HTML 6Page - Texas Instruments ADS8860IDRCT Datasheet HTML 7Page - Texas Instruments ADS8860IDRCT Datasheet HTML 8Page - Texas Instruments ADS8860IDRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
ADS8860
www.ti.com
SBAS569A – MAY 2013 – REVISED DECEMBER 2013
ELECTRICAL CHARACTERISTICS
All minimum and maximum specifications are at TA = –40°C to +85°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V,
and fSAMPLE = 1 MSPS, unless otherwise noted.
Typical specifications are at TA = +25°C, AVDD = 3 V, and DVDD = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input span(1)
AINP – AINN
0
VREF
V
AINP
–0.1
VREF + 0.1
V
Operating input range(1)
AINN
–0.1
+ 0.1
V
CI
Input capacitance
AINP and AINN terminal to GND
59
pF
Input leakage current
During acquisition for dc input
5
nA
SYSTEM PERFORMANCE
Resolution
16
Bits
NMC
No missing codes
16
Bits
DNL
Differential linearity
–0.99
±0.6
1
LSB(2)
INL
Integral linearity(3)
–2
±0.8
2
LSB(2)
EO
Offset error(4)
–4
±1
4
mV
Offset error drift with temperature
±1.5
µV/°C
EG
Gain error
–0.01
±0.005
0.01
%FSR
Gain error drift with temperature
±0.15
ppm/°C
CMRR
Common-mode rejection ratio
With common-mode input signal = 5 VPP at dc
90
100
dB
PSRR
Power-supply rejection ratio
At mid-code
80
dB
Transition noise
0.5
LSB
SAMPLING DYNAMICS
tconv
Conversion time
500
710
ns
tACQ
Acquisition time
290
ns
Maximum throughput rate
1000
kHz
with or without latency
Aperture delay
4
ns
Aperture jitter, RMS
5
ps
Step response
Settling to 16-bit accuracy
290
ns
Overvoltage recovery
Settling to 16-bit accuracy
290
ns
(1)
Ideal input span, does not include gain or offset error.
(2)
LSB = least significant bit.
(3)
This parameter is the endpoint INL, not best-fit.
(4)
Measured relative to actual measured reference.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS8860


Similar Part No. - ADS8860IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8860IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com