Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1300EAL Datasheet(PDF) 5 Page - Littelfuse

Part # P1300EAL
Description  SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1300EAL Datasheet(HTML) 5 Page - Littelfuse

  P1300EAL Datasheet HTML 1Page - Littelfuse P1300EAL Datasheet HTML 2Page - Littelfuse P1300EAL Datasheet HTML 3Page - Littelfuse P1300EAL Datasheet HTML 4Page - Littelfuse P1300EAL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SIDACtor® ProtectionThyristors
162
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
All leads are insulated from case. Case is electri-
cally non-conductive. (Rated at 1600 V
(AC) RMS for
one minute from leads to case over the operating
temperature range.)
Mold flash shall not exceed 0.13 mm per side.
A
B
Temperature
Measurement Point
MT2/PIN 3
MT1/PIN 1
E
H
G
D
K
J
L
M
N
The TO-92 is designed to meet
mechanical standards as set forth
in JEDEC publication number 95.
Inches
Millimeters
Min
Max
Min
Max
A
0.176
0.196
4.47
4.98
B
0.500
12.70
D
0.095
0.105
2.41
2.67
E
0.150
3.81
G
0.135
0.145
3.43
3.68
H
0.088
0.096
2.23
2.44
J
0.176
0.186
4.47
4.73
K
0.088
0.096
2.23
2.44
L
0.013
0.019
0.33
0.48
M
0.013
0.017
0.33
0.43
N
0.60
1.52
Dimensions — TO-92
Ammo Pack Specification — TO-92
Flat down
25 Devices per fold
0.708
(18.0)
1.27
(32.2)
0.125 (3.2) MAX
1.62
(41.2)
MAX
0.50
(12.7)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
0.20 (5.08)
0.50
(12.7)
0.25
(6.35)
Direction
of Feed
Dimensions
are in inches
(and millimeters).
1.7
(43)
12.9
(327)
6.9
(175)
1.7
(43)
0.157 DIA
(4.0)
A
B
D
C
W1
FLAT SIDE
OF TO-92
ROUND SIDE
OF TO-92
H
W3
W
W4
H1
W2
P
P0
F
(RP1)
F
(RP2)
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
N/A
14.173
N/A
360.0
B
4.016
N/A
102.0
N/A
C
3.386
N/A
86.0
N/A
D
0.795
N/A
20.2
N/A
W1
1.181
1.968
30.0
50.0
P
0.496
0.504
12.60
12.80
P0
0.498
0.502
12.65
12.75
F(for RP1)
0.090
0.110
2.29
2.80
F(for RP2)
0.182
0.244
4.63
6.19
H
N/A
1.673
N/A
42.50
H1
N/A
1.270
N/A
32.26
W
0.674
0.763
17.12
19.38
W2
0.354
0.370
8.25
9.75
W3
0.236
N/A
6.00
N/A
W4
0.020
N/A
0.50
N/A
Tape and Reel Specification — TO-92


Similar Part No. - P1300EAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1300EAL LITTELFUSE-P1300EAL Datasheet
149Kb / 3P
   SIDACtor짰 Device
P1300EAL LITTELFUSE-P1300EAL Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
HuaXinAn Electronics CO...
P1300EAL HUAXINAN-P1300EAL Datasheet
390Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P1300EAL LITTELFUSE-P1300EAL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
logo
HuaXinAn Electronics CO...
P1300EAL HUAXINAN-P1300EAL Datasheet
617Kb / 7P
   Protection Thyristor
More results

Similar Description - P1300EAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3203UBLRP LITTELFUSE-P3203UBLRP Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3100EBRP2 LITTELFUSE-P3100EBRP2 Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P2703AC LITTELFUSE-P2703AC Datasheet
144Kb / 5P
   SIDACtor짰 Protection Thyristors Baseband Protection (Voice-DS1)
P3203AB60 LITTELFUSE-P3203AB60 Datasheet
167Kb / 5P
   Baseband Protection (Voice-DS1)
P2600SBRP LITTELFUSE-P2600SBRP Datasheet
2Mb / 5P
   Baseband Protection (Voice-DS1)
P0080EBL LITTELFUSE-P0080EBL Datasheet
157Kb / 5P
   SIDACtor짰 Protection Thyristors SIDACtor짰 Protection Thyristors
P0080S4BLRP LITTELFUSE-P0080S4BLRP Datasheet
653Kb / 4P
   Protection Thyristors
SDP0080T023G5RP LITTELFUSE-SDP0080T023G5RP Datasheet
2Mb / 6P
   Teccor짰 brand SIDACtor짰 DSL Protection Devices
logo
HuaXinAn Electronics CO...
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com