Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764A Datasheet(PDF) 9 Page - Linear Dimensions Semiconductor

Part # LT1764A
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1764A Datasheet(HTML) 9 Page - Linear Dimensions Semiconductor

Back Button LT1764A Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1764A Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1764A Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1764A Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1764A Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1764A Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1764A Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1764A Datasheet HTML 12Page - Linear Dimensions Semiconductor LT1764A Datasheet HTML 13Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
9
3021fc
PIN FUNCTIONS
OUT (Pins 3, 4/Pin 2): These pins supply power to the load.
Use a minimum output capacitor of 3.3μF to prevent oscil-
lations. Applications with large load transients require larger
output capacitors to limit peak voltage transients. See the
Applications Information section for more information on
output capacitance and reverse output characteristics.
SENSE (Pin 7/Pin 3, Fixed Voltage Device Only): This pin
is the sense point for the internal resistor divider. It should
be tied directly to the OUT pins for best results.
ADJ (Pin 7/Pin 3): This pin is the inverting terminal to the
error amplifier. Its typical input bias current of 20nA flows
out of the pin (see curve of ADJ Pin Bias Current vs Tem-
perature in the Typical Performance Characteristics). The
ADJ pin reference voltage is 200mV (referred to GND).
AGND (Pin 8/Pin 4): Ground.
PGND (Pins 10, 17/Pin 6): Ground.
SHDN (Pin 9/Pin 5): The SHDN pin puts the LT3021 into
a low power state. Pulling the SHDN pin low turns the
output off. Drive the SHDN pin with either logic or an open
collector/drain device with a pull-up resistor. The pull-up
resistor supplies the pull-up current to the open collector/
drain logic, normally several microamperes, and the SHDN
pin current, typically 2.5μA. If unused, connect the SHDN
pin to VIN. The LT3021 does not function if the SHDN pin
is not connected.
IN (Pins 12, 14/Pin 8): These pins supply power to the
device. The LT3021 requires a bypass capacitor at IN if
it is more than six inches away from the main input filter
capacitor. The output impedance of a battery rises with
frequency, so include a bypass capacitor in battery-pow-
ered circuits. A bypass capacitor in the range of 3.3μF to
10μF suffices. The LT3021 withstands reverse voltages
on the IN pin with respect to ground and the OUT pin. In
the case of a reversed input, which occurs if a battery is
plugged in backwards, the LT3021 acts as if a diode is
in series with its input. No reverse current flows into the
LT3021 and no reverse voltage appears at the load. The
device protects itself and the load.
EXPOSED PAD (Pin 17, DH16 Package Only): Ground.
Solder Pin 17 to the PCB ground. Connect directly to Pins
8, 10 for best performance.
NC (Pins 1, 2, 5, 6, 11, 13, 15, 16/Pins 1, 7): No Connect.
No connect pins may be floated, tied to IN or tied to GND.
(DH Package/S8 Package)
BLOCK DIAGRAM (DH Package/S8 Package)
SHUTDOWN
+
CURRENT
GAIN
THERMAL
SHUTDOWN
R3
R2
R1
3021 BD
D1
Q1
D2
Q2
ERROR AMP
NO-LOAD
RECOVERY
Q3
IN
(12, 14/8)
OUT
(3,4/2)
OUT SENSE
(7/3)
NOTE:
FOR LT3021 ADJUST PIN (7/3) IS CONNECTED TO
THE ADJUST PIN, R1 AND R2 ARE EXTERNAL.
FOR LT3021-1.X PIN (7/3) IS CONNECTED TO THE
OUTPUT SENSE PIN, R1 AND R2 ARE INTERNAL.
GND
(8,10,17/4,6)
ADJ
(7/3)
SHDN
(9/5)
200mV
212mV
BIAS CURRENT
AND
REFERENCE
GENERATOR
FIXED
VOUT
1.2V
1.5V
1.8V
R1
20k
20k
20k
R2
100k
130k
160k
25k


Similar Part No. - LT1764A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1764A LINER-LT1764A Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT1764A LINER-LT1764A Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
More results

Similar Description - LT1764A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.8 LINER-LT3021-1.8_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com