Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA28N50F Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDA28N50F
Description  DESIGN/PROCESS CHANGE NOTIFICATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDA28N50F Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDA28N50F Datasheet HTML 1Page - Fairchild Semiconductor FDA28N50F Datasheet HTML 2Page - Fairchild Semiconductor FDA28N50F Datasheet HTML 3Page - Fairchild Semiconductor FDA28N50F Datasheet HTML 4Page - Fairchild Semiconductor FDA28N50F Datasheet HTML 5Page - Fairchild Semiconductor FDA28N50F Datasheet HTML 6Page - Fairchild Semiconductor FDA28N50F Datasheet HTML 7Page - Fairchild Semiconductor FDA28N50F Datasheet HTML 8Page - Fairchild Semiconductor FDA28N50F Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PCN# : P315A
Issue Date : Feb. 04, 2013
DESIGN/PROCESS CHANGE NOTIFICATION
This is to inform you that a change is being made to the products listed below.
Unless otherwise indicated in the details of this notification, the identified change will have no impact on product
quality, reliability, electrical, visual or mechanical performance and affected products will remain fully compliant to all
published specifications. Products incorporating this change may be shipped interchangeably with existing unchanged
products.
This change is planned to take effect in 90 calendar days from the date of this notification. Please work with your local
Fairchild Sales Representative to manage your inventory of unchanged product if your evaluation of this change will
require more than 90 calendar days.
Please contact your local Customer Quality Engineer within 30 days of receipt of this notification if you require any
additional data or samples. Alternatively, you may send an email request for data, samples or other information to
PCNSupport@fairchildsemi.com.
Implementation of change:
Expected First Shipment Date for Changed Product : May. 05, 2013
Expected First Date Code of Changed Product :1327
Description of Change (From) :
5/6-in wafer fabrication line at Fairchild Semiconductor Bucheon Korea.
Description of Change (To) :
8-in wafer fabrication line at Fairchild Semiconductor Bucheon Korea.
Reason for Change:
Fairchild Semiconductor is increasing wafer fabrication capacity by qualifying an 8-in wafer fabrication line at Fairchild
Semiconductor Bucheon Korea. Quality and reliability remain at the highest standards already demonstrated within
Fairchild's existing products. The reliability qualification results used to qualify the 8-in wafer fabrication line are
summarized below. The specific groups of products/MOSFET technologies are listed in the affected FSIDs list. Design,
die size and layout of the affected products will remain unchanged. There are no changes in the datasheet or electrical
performance.
1 of 14


Similar Part No. - FDA28N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
541Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
logo
Inchange Semiconductor ...
FDA28N50F ISC-FDA28N50F Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
More results

Similar Description - FDA28N50F

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PCN-20180087 LITEON-PCN-20180087 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
logo
STMicroelectronics
145 STMICROELECTRONICS-145 Datasheet
432Kb / 12P
   PRODUCT/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
SMQA2000T1G ONSEMI-SMQA2000T1G Datasheet
104Kb / 15P
   FINAL PRODUCT/PROCESS CHANGE NOTIFICATION
Rev.14 Jun 2007
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com