Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8864IDRCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8864IDRCT
Description  16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8864IDRCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8864IDRCT Datasheet HTML 7Page - Texas Instruments ADS8864IDRCT Datasheet HTML 8Page - Texas Instruments ADS8864IDRCT Datasheet HTML 9Page - Texas Instruments ADS8864IDRCT Datasheet HTML 10Page - Texas Instruments ADS8864IDRCT Datasheet HTML 11Page - Texas Instruments ADS8864IDRCT Datasheet HTML 12Page - Texas Instruments ADS8864IDRCT Datasheet HTML 13Page - Texas Instruments ADS8864IDRCT Datasheet HTML 14Page - Texas Instruments ADS8864IDRCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
±200
±160
±120
±80
±40
0
0
40
80
120
160
200
Input Frequency (kHz)
C011
AVDD = 3 V
REF = 2.5 V
T
A = 25ƒC
f
IN = 1 kHz
SNR = 88.7 dB
THD =
±111 dB
±200
±160
±120
±80
±40
0
0
40
80
120
160
200
Input Frequency (kHz)
C012
AVDD = 3 V
REF = 5 V
T
A = 25ƒC
f
IN = 1 kHz
SNR = 93 dB
THD =
±108 dB
0
10
20
30
40
50
60
32735
32736
32737
32738
32739
32740
32741
ADC Output Code
C00
AVDD = 3 V
REF = 2.5 V
T
A = 25
oC
0
20
40
60
80
100
32750
32751
32752
32753
32754
ADC Output Code
C01
AVDD = 3 V
REF = 5 V
T
A = 25
oC
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C00
AVDD = 3 V
T
A = 25
oC
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C00
AVDD = 3 V
T
A = 25
oC
ADS8864
www.ti.com
SBAS572A – MAY 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V, and fSAMPLE = 400 kSPS, unless otherwise noted.
Figure 12. INL vs REFERENCE VOLTAGE
Figure 13. DNL vs REFERENCE VOLTAGE
Figure 14. DC INPUT HISTOGRAM (VREF = 2.5 V)
Figure 15. DC INPUT HISTOGRAM (VREF = 5 V)
Figure 16. TYPICAL FFT (VREF = 2.5 V)
Figure 17. TYPICAL FFT (VREF = 5 V)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS8864


Similar Part No. - ADS8864IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8864IDRCT TI1-ADS8864IDRCT Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8864IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com