Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA172ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA172ID
Description  36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA172ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA172ID Datasheet HTML 7Page - Texas Instruments OPA172ID Datasheet HTML 8Page - Texas Instruments OPA172ID Datasheet HTML 9Page - Texas Instruments OPA172ID Datasheet HTML 10Page - Texas Instruments OPA172ID Datasheet HTML 11Page - Texas Instruments OPA172ID Datasheet HTML 12Page - Texas Instruments OPA172ID Datasheet HTML 13Page - Texas Instruments OPA172ID Datasheet HTML 14Page - Texas Instruments OPA172ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Time (200 ns/div)
C006
R
L
NŸ
C
L = 10pF
±
+
RI = 1 k
VIN = 10mV
+ 18 V
± 18 V
OPA172
+
±
RF = 1 k
CL
RL
Time (200 ns/div)
C014
CL = 10pF
±
+
VIN = 10mV
+ 18 V
± 18 V
CL
OPA172
+
±
Time (1 s/div)
C010
VOUT
VIN
±
+
RF = 10 k
RI = 1 k
VOUT
VIN = 2V
+ 18 V
± 18 V
OPA172
+
±
Time (1 s/div)
C010
VOUT
VIN
±
+
RF = 10 k
RI = 1 k
VOUT
VIN = 2V
+ 18 V
± 18 V
OPA172
+
±
Time (1 s/div)
C009
VOUT
VIN
±
+
RF = 10 k
RI = 1 k
VOUT
VIN = 2V
+ 18 V
± 18 V
OPA172
+
±
Time (1 s/div)
C009
VOUT
VIN
±
+
RF = 10 k
RI = 1 k
VOUT
VIN = 2V
+ 18 V
± 18 V
OPA172
+
±
OPA172
OPA2172
OPA4172
www.ti.com
SBOS618 – DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
Figure 25. POSITIVE OVERLOAD RECOVERY
Figure 26. POSITIVE OVERLOAD RECOVERY
(Zoomed In)
Figure 27. NEGATIVE OVERLOAD RECOVERY
Figure 28. NEGATIVE OVERLOAD RECOVERY
(Zoomed In)
Figure 29. SMALL-SIGNAL STEP RESPONSE
Figure 30. SMALL-SIGNAL STEP RESPONSE
(10 mV, G = –1)
(10 mV, G = +1)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA172 OPA2172 OPA4172


Similar Part No. - OPA172ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172ID TI1-OPA172ID Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDBVR TI1-OPA172IDBVR Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDBVT TI1-OPA172IDBVT Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDCKR TI1-OPA172IDCKR Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172IDCKT TI1-OPA172IDCKT Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - OPA172ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
INA212-Q1 TI1-INA212-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI1-OPA1688 Datasheet
2Mb / 41P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172 TI-OPA172_15 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA2172 TI-OPA2172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA1688 TI-OPA1688_15 Datasheet
2Mb / 40P
[Old version datasheet]   SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA4172 TI-OPA4172 Datasheet
3Mb / 42P
[Old version datasheet]   OPAx172 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA172-Q1 TI1-OPA172-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Automotive Grade Operational Amplifiers
OPA1688 TI-OPA1688 Datasheet
2Mb / 38P
[Old version datasheet]   OPA168x SoundPlus 36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com