Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22-GG Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # A22-GG
Description  Pushbutton Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22-GG Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button A22-GG Datasheet HTML 5Page - Omron Electronics LLC A22-GG Datasheet HTML 6Page - Omron Electronics LLC A22-GG Datasheet HTML 7Page - Omron Electronics LLC A22-GG Datasheet HTML 8Page - Omron Electronics LLC A22-GG Datasheet HTML 9Page - Omron Electronics LLC A22-GG Datasheet HTML 10Page - Omron Electronics LLC A22-GG Datasheet HTML 11Page - Omron Electronics LLC A22-GG Datasheet HTML 12Page - Omron Electronics LLC A22-GG Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
A22
A22
11
Lamps
LED
Rated voltage
LED light
6 VDC
6 VAC
12 VAC/DC
24 VAC/DC
Red
A22-6DR
A22-6AR
A22-12AR
A22-24AR
Green
A22-6DG
A22-6AG
A22-12AG
A22-24AG
Yellow (see note 2)
A22-6DY
A22-6AY
A22-12AY
A22-24AY
Blue
A22-6DA
A22-6AA
A22-12AA
A22-24AA
Note:
1. For transformer lighting, use the A22-24A
j.
2. Used when the Operational Unit color is yellow or white.
Incandescent
Rated voltage
6 VAC
14 VAC
28 VAC
130 VAC
A22-5
A22-12
A22-24
A22-H1
Switch Unit (General-purpose Load)
Non-lighted
Switch action
Contacts
Model
Momentary
SPST-NO
A22-10M
oea y
SPST-NC
A22-01M
SPST-NO + SPST-NC
A22-11M
DPST-NO
A22-20M
DPST-NC
A22-02M
Latching
SPST-NO
A22-10A
ac
g
SPST-NC
A22-01A
SPST-NO + SPST-NC
A22-11A
DPST-NO
A22-20A
DPST-NC
A22-02A
Lighted
Switch Action
Contacts
Transformer circuits
Sc
c o
Co
ac s
Without
tf
With transformer
ou
transformer
110 VAC
220 VAC
Momentary
SPST-NO
A22L-10M
A22L-10M-T1
A22L-10M-T2
oea y
SPST-NC
A22L-01M
A22L-01M-T1
A22L-01M-T2
SPST-NO + SPST-NC
A22L-11M
A22L-11M-T1
A22L-11M-T2
DPST-NO
A22L-20M
A22L-20M-T1
A22L-20M-T2
DPST-NC
A22L-02M
A22L-02M-T1
A22L-02M-T2
Latching
SPST-NO
A22L-10A
A22L-10A-T1
A22L-10A-T2
ac
g
SPST-NC
A22L-01A
A22L-01A-T1
A22L-01A-T2
SPST-NO + SPST-NC
A22L-11A
A22L-11A-T1
A22L-11A-T2
DPST-NO
A22L-20A
A22L-20A-T1
A22L-20A-T2
DPST-NC
A22L-02A
A22L-02A-T1
A22L-02A-T2


Similar Part No. - A22-GG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-GG OMRON-A22-GG Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
More results

Similar Description - A22-GG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
   Pushbutton Switch
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
   Backlit Pushbutton Switch
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
logo
E-SWITCH
WBL E-SWITCH-WBL Datasheet
955Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCH
logo
Honeywell Accelerometer...
2PB11-T2 HONEYWELL-ACC-2PB11-T2 Datasheet
71Kb / 1P
   ASSEMBLY-PUSHBUTTON SWITCH
4PB642 HONEYWELL-ACC-4PB642 Datasheet
186Kb / 1P
   ASSEMBLY, PUSHBUTTON SWITCH
logo
Honeywell Solid State E...
2PB732-T2 HONEYWELL-2PB732-T2 Datasheet
55Kb / 1P
   ASSEMBLY - PUSHBUTTON SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com