Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG50W120XB6TN Datasheet(PDF) 1 Page - Micross Components

Part # MIMMG50W120XB6TN
Description  1200V 50A PIM Module RoHS Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG50W120XB6TN Datasheet(HTML) 1 Page - Micross Components

  MIMMG50W120XB6TN Datasheet HTML 1Page - Micross Components MIMMG50W120XB6TN Datasheet HTML 2Page - Micross Components MIMMG50W120XB6TN Datasheet HTML 3Page - Micross Components MIMMG50W120XB6TN Datasheet HTML 4Page - Micross Components MIMMG50W120XB6TN Datasheet HTML 5Page - Micross Components MIMMG50W120XB6TN Datasheet HTML 6Page - Micross Components MIMMG50W120XB6TN Datasheet HTML 7Page - Micross Components MIMMG50W120XB6TN Datasheet HTML 8Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MIMMG50W120XB6TN
1200V 50A PIM Module
RoHS Compliant
FEATURES
High level of integration—only one power semiconductor
module required for the whole drive
Low saturation voltage and positive temperature coefficient
Fast switching and short tail current
Free wheeling diodes with fast and soft reverse recovery
Industry standard package with insulated copper base
plate and soldering pins for PCB mounting
Temperature sense included
APPLICATIONS
AC motor control
Motion/servo control
Inverter and power supplies
INVERTER SECTOR
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
ti
n
U
s
e
u
l
a
V
s
n
o
it
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
IGBT
VCES
Collector - Emitter Voltage
TVj
V
0
0
2
1
C
°
5
2
=
VGES
Gate - Emitter Voltage
±
20
V
TC=25°C
75
A
IC
DC Collector Current
TC
A
0
5
C
°
0
8
=
ICM
Repetitive Peak Collector Current
tp
A
0
0
1
s
m
1
=
Ptot
W
0
6
2
T
B
G
I
r
e
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
Diode
VRRM
Repetitive Reverse Voltage
TVj
V
0
0
2
1
C
°
5
2
=
TC
A
5
7
C
°
5
2
=
IF(AV)
Average Forward Current
TC
A
0
5
C
°
0
8
=
IFRM
Repetitive Peak Forward Current
tp
A
0
0
1
s
m
1
=
I2
T
t
Vj =125°C, t=10ms, VR=0V
680
A2s
PIM Three Phase Input Rectifier


Similar Part No. - MIMMG50W120XB6TN

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG50H120X6TN MICROSS-MIMMG50H120X6TN Datasheet
2Mb / 6P
   1200V 50A Six-Pack Module RoHS Compliant
MIMMG50J120U MICROSS-MIMMG50J120U Datasheet
3Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120B MICROSS-MIMMG50SR120B Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120DE MICROSS-MIMMG50SR120DE Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120UA MICROSS-MIMMG50SR120UA Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG50W120XB6TN

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG75W120XB6TN MICROSS-MIMMG75W120XB6TN Datasheet
3Mb / 8P
   1200V 75A PIM Module RoHS Compliant
MIMMG25H120XB6TN MICROSS-MIMMG25H120XB6TN Datasheet
3Mb / 8P
   1200V 25A PIM Module RoHS Compliant
MIMMG40H120XB6TN MICROSS-MIMMG40H120XB6TN Datasheet
3Mb / 8P
   1200V 40A PIM Module RoHS Compliant
MIMMG50J120U MICROSS-MIMMG50J120U Datasheet
3Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120UA MICROSS-MIMMG50SR120UA Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
logo
MacMic
MMG50HD120XB6T4N MACMIC-MMG50HD120XB6T4N Datasheet
1Mb / 9P
   1200V 50A PIM Module
logo
Micross Components
MIMMG50SR120UZK MICROSS-MIMMG50SR120UZK Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120UZA MICROSS-MIMMG50SR120UZA Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120UK MICROSS-MIMMG50SR120UK Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
MIMMG50SR120DE MICROSS-MIMMG50SR120DE Datasheet
2Mb / 5P
   1200V 50A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com