Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22-GW Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A22-GW
Description  Pushbutton Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22-GW Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A22-GW Datasheet HTML 5Page - Omron Electronics LLC A22-GW Datasheet HTML 6Page - Omron Electronics LLC A22-GW Datasheet HTML 7Page - Omron Electronics LLC A22-GW Datasheet HTML 8Page - Omron Electronics LLC A22-GW Datasheet HTML 9Page - Omron Electronics LLC A22-GW Datasheet HTML 10Page - Omron Electronics LLC A22-GW Datasheet HTML 11Page - Omron Electronics LLC A22-GW Datasheet HTML 12Page - Omron Electronics LLC A22-GW Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
A22
A22
9
2. Lamp (Common Use)
A22-
jj
12
2 Illumination Color
Code
Description
None Incandescent lamp
R
Red
G
Green
Y
Yellow
A
Blue
1 Operating Voltage (Rated Voltage)
Code
Description
5
5 VAC (6 VAC)
12
12 VAC (14 VAC)
24
24 VAC (28 VAC)
H1
100 VAC (130 VAC)
LED
6D
6 VDC (6 VDC)
6A
6 VAC (6 VAC)
12A
12 VAC/DC (12 VAC/DC)
24A
24 VAC/DC (24 VAC/DC)
Incandescent
3. Switch Unit (General-purpose Load)
A22
j-jj-j
12
3
4
1 Lighted/Non-lighted
Code
Description
None Non-lighted
L
Lighted
2 Contacts
Code
Description
10
SPST-NO
01
SPST-NC
11
SPST-NO + SPST-NC
20
DPST-NO
02
DPST-NC
3 Switch Action
Code
Description
M
Momentary
A
Latching
4 Transformer (Lighted Type Only)
Code
Description
None Without transformer
T1
110 VAC*1
T2
220 VAC*2
*1) Operational voltage: 95 to 115 VAC
*2) Operational voltage: 190 to 230 VAC


Similar Part No. - A22-GW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-GW OMRON-A22-GW Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
More results

Similar Description - A22-GW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
   Pushbutton Switch
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
   Backlit Pushbutton Switch
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
logo
E-SWITCH
WBL E-SWITCH-WBL Datasheet
955Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCH
logo
Honeywell Accelerometer...
2PB11-T2 HONEYWELL-ACC-2PB11-T2 Datasheet
71Kb / 1P
   ASSEMBLY-PUSHBUTTON SWITCH
4PB642 HONEYWELL-ACC-4PB642 Datasheet
186Kb / 1P
   ASSEMBLY, PUSHBUTTON SWITCH
logo
Honeywell Solid State E...
2PB732-T2 HONEYWELL-2PB732-T2 Datasheet
55Kb / 1P
   ASSEMBLY - PUSHBUTTON SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com