Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219F51H104ZA01D Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # GRM219F51H104ZA01D
Description  CHIP MONOLITHIC CERAMIC CAPACITOR FOR GENERAL GRM219F51H104ZA01_ (0805, Y5V, 0.1uF, 50Vdc)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM219F51H104ZA01D Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button GRM219F51H104ZA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM219F51H104ZA01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM219F51H104ZA01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM219F51H104ZA01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM219F51H104ZA01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM219F51H104ZA01D Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM219F51H104ZA01D Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GRM219F51H104ZA01D Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. GRM219F51H104ZA01D Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
1.3 Tapes for capacitors are wound clockwise shown in Fig.3.
(The sprocket holes are to the right as the tape is pulled toward the user.)
1.4 Part of the leader and part of the vacant section are attached as follows.
(in:mm)
1.5 Accumulate pitch : 10 of sprocket holes pitch = 40±0.3mm
1.6 Chip in the tape is enclosed by top tape and bottom tape as shown in Fig.1.
1.7 The top tape and base tape are not attached at the end of the tape for a minimum of 5 pitches.
1.8 There are no jointing for top tape and bottom tape.
1.9 There are no fuzz in the cavity.
1.10 Break down force of top tape : 5N min.
Break down force of bottom tape : 5N min. (Only a bottom tape existence )
1.11 Reel is made by resin and appeaser and dimension is shown in Fig 2.
There are possibly to change the material and dimension due to some impairment.
1.12 Peeling off force : 0.1N to 0.6N
* in the direction as shown below.
* GR□02/03:0.05N~0.5N
1.13 Label that show the customer parts number, our parts number, our company name, inspection
number and quantity, will be put in outside of reel.
Package
GRM/F Type
図1 チップ詰め状態
(単位:mm)
Tail vacant Section
Chip-mounting Unit
Leader vacant Section
Leader Unit
(Top Tape only)
Direction
of Feed
160 min.
190 min.
210 min.
図1 チップ詰め状態
(単位:mm)
165~180°
Top tape
JEMCGP-01796
11


Similar Part No. - GRM219F51H104ZA01D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRM219F51H104ZA01 ETC-GRM219F51H104ZA01 Datasheet
223Kb / 13P
   High Dielectric Constant Type 6.3/16/25/50V
logo
NXP Semiconductors
GRM219F51H104ZA01 NXP-GRM219F51H104ZA01 Datasheet
377Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 12/2013
More results

Similar Description - GRM219F51H104ZA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H100JA01D MURATA-GRM1555C1H100JA01D Datasheet
735Kb / 29P
   CHIP MONOLITHIC CERAMIC CAPACITOR FOR GENERAL GRM1555C1H100JA01_ (0402, C0G, 10pF, 50Vdc)
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com