Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMD200S120B Datasheet(PDF) 2 Page - Micross Components

Part # MIMMD200S120B
Description  1200V 200A Rectifier Diode Module RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMD200S120B Datasheet(HTML) 2 Page - Micross Components

  MIMMD200S120B Datasheet HTML 1Page - Micross Components MIMMD200S120B Datasheet HTML 2Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIMMD200S120B
1200V 200A Rectifier Diode Module
RoHS Compliant
MECHANICAL CHARACTERISTICS
DS Package Outline (Dimensions in mm)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Torque
Module-to-Sink
Recommended(M6)
3
5
N· m
Torque
Module Electrodes
Recommended(M6)
3
5
N· m


Similar Part No. - MIMMD200S120B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD200S120DK MICROSS-MIMMD200S120DK Datasheet
1Mb / 2P
   1200V 200A Rectifier Diode Module RoHS Compliant
More results

Similar Description - MIMMD200S120B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD200S120DK MICROSS-MIMMD200S120DK Datasheet
1Mb / 2P
   1200V 200A Rectifier Diode Module RoHS Compliant
MIMMD200FB160X MICROSS-MIMMD200FB160X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMD200F120X MICROSS-MIMMD200F120X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMG200DR120UZA MICROSS-MIMMG200DR120UZA Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UK MICROSS-MIMMG200DR120UK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMF200N120DA MICROSS-MIMMF200N120DA Datasheet
1Mb / 3P
   1200V 200A FRED Module RoHS Compliant
MIMMG200DR120DE MICROSS-MIMMG200DR120DE Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200D120B6UN MICROSS-MIMMG200D120B6UN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200D120B6TN MICROSS-MIMMG200D120B6TN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120B MICROSS-MIMMG200DR120B Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com