Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMD200F140X Datasheet(PDF) 1 Page - Micross Components

Part # MIMMD200F140X
Description  1400V 200A Rectifier Module RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMD200F140X Datasheet(HTML) 1 Page - Micross Components

  MIMMD200F140X Datasheet HTML 1Page - Micross Components MIMMD200F140X Datasheet HTML 2Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIMMD200F140X
1400V 200A Rectifier Module
RoHS Compliant
Features
·
Package with screw terminals
·
Isolation voltage 3000 V~
·
Planar passivated chips
·
Blocking voltage up to 1400 V
·
Low forward voltage drop
·
UL registered E72873
Applications
·
Supplies for DC power equipment
·
Input rectifiers for PWM inverter
·
Battery DC power supplies
·
Field supply for DC motors
Advantages
·
Easy to mount with two screws
·
Space and weight savings
·
Improved temperature and power cycling
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
Symbol
Test Condition
Value
Unit
VRRM
1400
V
Id(AV)
TC=100 , module
200
A
2000
A
TJ=45 ;
t=10ms (50Hz),sine
VR=0
t=8.3ms(60Hz),sine
2200
A
1800
A
IFSM
TJ=150 ;
t=10ms (50Hz),sine
VR=0
t=8.3ms(60Hz),sine
1950
A
20000
A2s
TJ=45 ;
t=10ms (50Hz),sine
VR=0
t=8.3ms(60Hz),sine
24200
A2s
16200
A2s
I2t
TJ=150 ;
t=10ms (50Hz),sine
VR=0
t=8.3ms(60Hz),sine
19010
A2s
TJ,TSTG
-40 to +150
TJM
150
2500
V~
VISOL
50/60Hz RMS
t=1 min
IISOL≤1mA
t=1 s
3000
V~
5±15%
N·m
Md
Mounting torque(M6)
Terminal connection torque(M6)
5±15%
N·m
Weight
typical
241
g
-


Similar Part No. - MIMMD200F140X

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD200F120X MICROSS-MIMMD200F120X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMD200F160X MICROSS-MIMMD200F160X Datasheet
1Mb / 2P
   1600V 200A Rectifier Module RoHS Compliant
MIMMD200F180X MICROSS-MIMMD200F180X Datasheet
1Mb / 2P
   1800V 200A Rectifier Module RoHS Compliant
More results

Similar Description - MIMMD200F140X

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD70E140X MICROSS-MIMMD70E140X Datasheet
1Mb / 2P
   1400V 70A Rectifier Module RoHS Compliant
MIMMD100E140X MICROSS-MIMMD100E140X Datasheet
1Mb / 2P
   1400V 100A Rectifier Module RoHS Compliant
MIMMD150F140X MICROSS-MIMMD150F140X Datasheet
1Mb / 2P
   1400V 150A Rectifier Module RoHS Compliant
MIMMD250F140X MICROSS-MIMMD250F140X Datasheet
1Mb / 2P
   1400V 250A Rectifier Module RoHS Compliant
MIMMD200FB160X MICROSS-MIMMD200FB160X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMD200F180X MICROSS-MIMMD200F180X Datasheet
1Mb / 2P
   1800V 200A Rectifier Module RoHS Compliant
MIMMD200F160X MICROSS-MIMMD200F160X Datasheet
1Mb / 2P
   1600V 200A Rectifier Module RoHS Compliant
MIMMD200F120X MICROSS-MIMMD200F120X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMD200S180B MICROSS-MIMMD200S180B Datasheet
1Mb / 2P
   1800V 200A Rectifier Diode Module RoHS Compliant
MIMMD200S160B MICROSS-MIMMD200S160B Datasheet
1Mb / 2P
   1600V 200A Rectifier Diode Module RoHS Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com