Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1418BW20 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1418BW20
Description  Armoire autoportante a 2 portes en acier doux de type 12
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1418BW20 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1418BW20 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1418BW20 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1418BW20 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
poudre lisse gris ANSI 61 pouvant être repeint et un revêtement
intérieur en poudre blanc.
Les panneaux intérieurs, les rails, les cadres et les supports offerts en
option comportent un revêtement en poudre blanc.
Accessoires
Single Access
Part No.
A
B
C
F
G
Optional
Full Panel¹
Ship Wt.
(lbs)
1418A W18
60.06
48.06
18.06
32.03
23.13
60A WFW
550
1418ZW18
72.06
48.06
18.06
38.03
29.13
72ZWFW
575
1418ZX18
72.06
60.06
18.06
38.03
29.13
72ZXFW
625
1418ZY18
72.06
72.06
18.06
38.03
29.13
72ZYFW
700
1418BW20
90.06
48.06
20.06
47.03
38.13
90BWFW
650
1418BY20
90.06
72.06
20.06
47.03
38.13
90BYFW
900
1418BY24
90.06
72.06
24.06
47.03
38.13
90BYFW
950
1418ZW24
72.06
48.06
24.06
38.03
29.13
72ZWFW
600
1418ZX24
72.06
60.06
24.06
38.03
29.13
72ZXFW
650
1418ZY24
72.06
72.06
24.06
38.03
29.13
72ZYFW
740
1418ZX36
72.06
60.06
36.06
38.03
29.13
72ZXFW
850
1418BY36
90.06
72.06
36.06
47.03
38.13
90BYFW
1100
¹ Refers to optional full height/full width panels. Depth panels/half height width panels are also available
Dual Access
Part No.
A
B
C
F
G
Optional
Full Panel¹
Ship Wt.
(lbs)
1418ZWD24
72.06
48.06
24.06
38.03
29.13
72ZWFW
625
1418ZXD24
72.06
60.06
24.06
38.03
29.13
72ZXFW
650
1418ZYD24
72.06
72.06
24.06
38.03
29.13
72ZYFW
725


Similar Part No. - 1418BW20

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1418BW20 HAMMOND-1418BW20 Datasheet
226Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - 1418BW20

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1422MD HAMMOND-1422MD Datasheet
180Kb / 3P
   Armoire autoportante a plusieurs portes en acier doux de type 12
HMET HAMMOND-HMET Datasheet
114Kb / 3P
   Armoire autoportante modulaire a 2 portes en acier doux de type 12
IMET HAMMOND-IMET Datasheet
150Kb / 4P
   Armoire autoportante modulaire a 2 portes en acier doux de type 12
1418FS HAMMOND-1418FS Datasheet
124Kb / 3P
   Armoire autoportante en acier doux de type 12
EN4TD HAMMOND-EN4TD Datasheet
151Kb / 3P
   Armoire murale a 2 portes en acier doux de type 12
1422 HAMMOND-1422 Datasheet
176Kb / 3P
   ARMOIRE MURALE A 2 PORTES EN ACIER DOUX DE TYPE 12
IME HAMMOND-IME Datasheet
120Kb / 3P
   Armoire autoportante modulaire en acier doux de type 12
1422FM HAMMOND-1422FM Datasheet
159Kb / 3P
   Armoire de plancher a 2 portes en acier doux de type 12
HME HAMMOND-HME Datasheet
174Kb / 4P
   Armoire autoportante modulaire en acier doux de type 12
UHD HAMMOND-UHD Datasheet
156Kb / 4P
   Armoire autoportante pour coupe-circuit a plusieurs portes en acier doux de type 12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com