Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFY440C Datasheet(PDF) 4 Page - International Rectifier

Part # IRFY440C
Description  POWER MOSFET THRU-HOLE (TO-257AA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY440C Datasheet(HTML) 4 Page - International Rectifier

  IRFY440C Datasheet HTML 1Page - International Rectifier IRFY440C Datasheet HTML 2Page - International Rectifier IRFY440C Datasheet HTML 3Page - International Rectifier IRFY440C Datasheet HTML 4Page - International Rectifier IRFY440C Datasheet HTML 5Page - International Rectifier IRFY440C Datasheet HTML 6Page - International Rectifier IRFY440C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRFY440C, IRFY440CM
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
3
ID = 7.0A


Similar Part No. - IRFY440C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY440C SEME-LAB-IRFY440C Datasheet
15Kb / 1P
   N-Channel MOSFET in a Hermetically sealed
logo
International Rectifier
IRFY440C IRF-IRFY440C Datasheet
189Kb / 7P
   Simple Drive Requirements
IRFY440CM IRF-IRFY440CM Datasheet
300Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.85ohm, Id=7.0A)
IRFY440C IRF-IRFY440C_15 Datasheet
189Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFY440C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY440M IRF-IRFY440M Datasheet
135Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY240C IRF-IRFY240C Datasheet
219Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
IRFY130C IRF-IRFY130C Datasheet
167Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
IRFY140C IRF-IRFY140C Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY430C IRF-IRFY430C Datasheet
172Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9140C IRF-IRFY9140C Datasheet
257Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340SCX IRF-IRFY340SCX Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9140 IRF-IRFY9140 Datasheet
279Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com