Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7614M1 Datasheet(PDF) 3 Page - International Rectifier

Part # 2N7614M1
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2N7614M1 Datasheet(HTML) 3 Page - International Rectifier

  2N7614M1 Datasheet HTML 1Page - International Rectifier 2N7614M1 Datasheet HTML 2Page - International Rectifier 2N7614M1 Datasheet HTML 3Page - International Rectifier 2N7614M1 Datasheet HTML 4Page - International Rectifier 2N7614M1 Datasheet HTML 5Page - International Rectifier 2N7614M1 Datasheet HTML 6Page - International Rectifier 2N7614M1 Datasheet HTML 7Page - International Rectifier 2N7614M1 Datasheet HTML 8Page - International Rectifier 2N7614M1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
Pre-Irradiation
IRHLG77214, 2N7614M1
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capabil-
ity. The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-39 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Fig a. Typical Single Event Effect, Safe Operating Area
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ (Per Die)
Parameter
Up to 300K Rads (Si)1
Units
Test Conditions
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
250
V
VGS = 0V, ID = 250µA
VGS(th)
Gate Threshold Voltage
1.0
2.0
VGS = VDS, ID = 250µA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 10V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -10V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS= 200V, VGS=0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-39)
??
VGS = 4.5V, ID = 0.5A
RDS(on)
Static Drain-to-Source On-state
„
VSD
Diode Forward Voltage
„
1.2
V
VGS = 0V, ID = 0.8A
Resistance (MO-036AB)
1.1
VGS = 4.5V, ID = 0.5A
1. Part numbers IRHLG77214, IRHLG73214
Table 2. Typical Single Event Effect Safe Operating Area
LET
Energy
Range
VDS (V)
(MeV/(mg/cm2))
(MeV)
(µm)
@VGS=
@VGS=
@VGS=
@VGS=
@VGS=
@VGS=
0V
-2V
-4V
-5V
-6V
-7V
38 ± 5%
300 ± 7.5%
38 ± 7.5%
250
250
250
250
250
250
62 ± 5%
355 ± 7.5%
33 ± 7.5%
250
250
250
250
250
-
85 ± 5%
380 ± 7.5%
29 ± 7.5%
250
250
250
250
-
-
0
50
100
150
200
250
300
-7
-6
-5
-4
-3
-2
-1
0
Bias VGS (Volts)
LET=38 ± 5%
LET=62 ± 5%
LET=85 ± 5%


Similar Part No. - 2N7614M1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2N7610T2 IRF-2N7610T2 Datasheet
634Kb / 14P
   Radiation Hardened Logic Level Power MOSFET Thru-Hole TO-205AF 250V, 3.3A, N-channel, R7 Technology
2023-01-06
2N7617UC IRF-2N7617UC Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
More results

Similar Description - 2N7614M1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF6970Z4 IRF-IRHLF6970Z4 Datasheet
146Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE
IRHLG7670Z4 IRF-IRHLG7670Z4 Datasheet
314Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB)
IRHLF770Z4 IRF-IRHLF770Z4 Datasheet
150Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
IRHLG7970Z4 IRF-IRHLG7970Z4 Datasheet
225Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB
IRHLF7970Z4 IRF-IRHLF7970Z4 Datasheet
155Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
RHLG77110 IRF-RHLG77110 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (MO-036AB
IRHLF77110 IRF-IRHLF77110 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (TO-39)
IRHLYS797034CM IRF-IRHLYS797034CM Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
IRHLA7970Z4 IRF-IRHLA7970Z4 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (14-LEAD FLAT PACK
IRHLA7670Z4 IRF-IRHLA7670Z4 Datasheet
321Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET THRU-HOLE (14-LEAD FLAT PACK)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com