Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLNM83Y20 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHLNM83Y20
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLNM83Y20 Datasheet(HTML) 8 Page - International Rectifier

  IRHLNM83Y20 Datasheet HTML 1Page - International Rectifier IRHLNM83Y20 Datasheet HTML 2Page - International Rectifier IRHLNM83Y20 Datasheet HTML 3Page - International Rectifier IRHLNM83Y20 Datasheet HTML 4Page - International Rectifier IRHLNM83Y20 Datasheet HTML 5Page - International Rectifier IRHLNM83Y20 Datasheet HTML 6Page - International Rectifier IRHLNM83Y20 Datasheet HTML 7Page - International Rectifier IRHLNM83Y20 Datasheet HTML 8Page - International Rectifier IRHLNM83Y20 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRHLNM87Y20
Pre-Irradiation
8
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
5.5V
Fig 17b. Gate Charge Test Circuit
Fig 17a. Basic Gate Charge Waveform
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 16a. Unclamped Inductive Test Circuit
Fig 16b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 18a. Switching Time Test Circuit
Fig 18b. Switching Time Waveforms
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
.
VGS
VDS
Pulse Width ≤ 1µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-
VDD
VGS


Similar Part No. - IRHLNM83Y20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLNM87Y20 IRF-IRHLNM87Y20 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHLNM87Y20 IRF-IRHLNM87Y20_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHLNM83Y20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLNM77110 IRF-IRHLNM77110 Datasheet
178Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC770Z4 IRF-IRHLUC770Z4 Datasheet
207Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
JANSR2N7626UB IRF-JANSR2N7626UB Datasheet
231Kb / 11P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB7970Z4 IRF-IRHLUB7970Z4 Datasheet
180Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLUB780Z4 IRF-IRHLUB780Z4 Datasheet
142Kb / 8P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (UB)
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHLNJ797034 IRF-IRHLNJ797034 Datasheet
209Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHLNA797064 IRF-IRHLNA797064 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com