Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI500-4D Datasheet(PDF) 3 Page - C&D Technologies

Part # PCI500-4D
Description  DC/DC Compact PCI Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PCI500-4D Datasheet(HTML) 3 Page - C&D Technologies

  PCI500-4D Datasheet HTML 1Page - C&D Technologies PCI500-4D Datasheet HTML 2Page - C&D Technologies PCI500-4D Datasheet HTML 3Page - C&D Technologies PCI500-4D Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PCI 500-4D
3/2001
REV C
Page 3
OUTPUT VOLTAGE/CURRENT
NOTES: Outputs 1 and 2 share common return. Outputs 3 and 4 have isolated returns.
*Combined current output of 1 and 2 not to exceed 83A.
IOUT
VOUT
RATED OUTPUT CURRENT
OUTPUT NUMBER
RATED OUTPUT VOLTAGE
MIN
MAX
V1
+5.0VDC
0A
74A*
V2
+3.3VDC
0A
60A*
V3
+12.0VDC
0A
10A
V4
-12.0VDC
0A
2.5A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Adjustment
All outputs
±5
%
Temperature Coefficient
TC
0-40°C ambient
0.02
%/°C
after 30 minute warm-up
PARD
20MHz bandwidth
1% P-P
or 50 mV
P-P
which ever is greater
Output Power
40°C max temp.
500
W
REGULATION (All Outputs)
PARAMETER
LIMIT
Line
± 0.2%
Load
±0.5%
Cross
±0.2%
Transient Response
For a step load change of 25%, the peak output voltage
excursion will not exceed 5% of nominal voltage, and will
recover within 1% of nominal voltage in 400 microseconds.
Output Isolation
All outputs isolated from chassis.
Remote Sense
Remote Sense is on all outputs and is capable of com-
pensating for 0.7V of line drop. Automatic local sensing is
enabled on all outputs when remote sense leads are open.
Remote sense leads are protected for open, reversed and
shorted conditions.
Hot Pluggable
Active Current Share circuitry on outputs V1 and V2, to-
gether with ORing diodes on all outputs and synchronous
starting circuitry, allow for hot-swap in redundant applica-
tions.
COMMON OUTPUT CHARACTERISTICS
COMMON OUTPUT SPECIFICATIONS


Similar Part No. - PCI500-4D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PCI500-4D CANDD-PCI500-4D Datasheet
491Kb / 4P
   500W Quad Output Power Supply
More results

Similar Description - PCI500-4D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PCI500-4A CANDD-PCI500-4A Datasheet
122Kb / 4P
   AC/DC Compact PCI Power Supply
logo
Murata Manufacturing Co...
TPS_PCI500_4A MURATA-TPS_PCI500_4A Datasheet
1Mb / 4P
   AC/DC Compact PCI Power Supply
logo
Recom International Pow...
RAC10-A RECOM-RAC10-A Datasheet
87Kb / 2P
   Compact AC-DC Power Supply
RAC15-24SB-E RECOM-RAC15-24SB-E Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
RAC20-05SB RECOM-RAC20-05SB Datasheet
93Kb / 2P
   Compact AC-DC Power Supply
RAC10-B RECOM-RAC10-B Datasheet
95Kb / 2P
   Compact AC-DC Power Supply
RAC15-B RECOM-RAC15-B Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
RAC06-05SC RECOM-RAC06-05SC Datasheet
81Kb / 2P
   Very Compact AC-DC Power Supply
RAC40-A RECOM-RAC40-A Datasheet
119Kb / 2P
   Compact 40W AC-DC Power Supply
RAC05-B RECOM-RAC05-B Datasheet
86Kb / 2P
   Very Compact AC-DC Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com