Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AATIAN57 Datasheet(PDF) 4 Page - SiGe Semiconductor, Inc.

Part # AATIAN57
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN57 Datasheet(HTML) 4 Page - SiGe Semiconductor, Inc.

  AATIAN57 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN57 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN57 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN57 Datasheet HTML 4Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AAT3141 EVAL Component Listing
Table 2: Component Listing.
Component Part#
Description
Manufacturer
U1
AAT3141
High Efficiency 1X/1.5X/2X Charge Pump for White
AnalogicTech
LED; TSOPJW-12 Package
U2
PIC12F675
8-Bit CMOS, FLASH-Based µC; 8-Pin PDIP Package
Microchip
D1 - D4
LW M673
Mini TOPLED White LED; SMT Package
OSRAM
JP1 - JP5
Chip Resistor
0
Ω, 5%, 1/8W; 0805
Vishay
C1 - C4
ECJ-2FB1E105K
1µF, 25V, X5R, 10%; 0805
Panasonic-ECG
J1, J2
PRPN401PAEN
Con. Header, 2mm Zip
Sullins Electronics
LED0
CMD15-21UGC/TR8
Green LED; 1206
Chicago Miniature Lamp
LED7
CMD15-21SRC/TR8
Red LED; 1206
Chicago Miniature Lamp
R1 - R3
Chip Resistor
1K, 5%, 1/4W; 1206
Vishay
R4, R5
Chip Resistor
330, 5%, 1/4W; 1206
Vishay
R6
Chip Resistor
220, 5%, 1/4W; 1206
Vishay
R7
Chip Resistor
100K, 5%, 1/4W; 1206
Vishay
C5
ECJ-3YB1E105K
1µF, 25V, X7R, 10%; 1206
Panasonic-ECG
VR4
EVN-5ESX50B14
10K POT; 3mm Squared SMD
Panasonic-ECG
SW1 - SW5
PTS645TL50
Switch Tact, SPST, 5mm
ITT Industries
4
EV-111.2005.03.1.0
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work
rights, or other intellectual property rights are implied.
AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice, and advise customers to obtain the latest
version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale
supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability.
AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and
other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed.
EV-111
AAT3141 EVAL: High Efficiency 1X/1.5X/2X
Charge Pump for White LED Applications


Similar Part No. - AATIAN57

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN51 SIGE-AATIAN51 Datasheet
180Kb / 5P
   4-Channel Backlight Driver with Dual LDOs
AATIAN55 SIGE-AATIAN55 Datasheet
65Kb / 4P
   Driving Color RGB LEDs with the AAT3123
AATIAN56 SIGE-AATIAN56 Datasheet
81Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN59 SIGE-AATIAN59 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results

Similar Description - AATIAN57

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com