Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTA1215M Datasheet(PDF) 1 Page - C&D Technologies

Part # NTA1215M
Description  Isolated 1W Dual Output SM DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NTA1215M Datasheet(HTML) 1 Page - C&D Technologies

  NTA1215M Datasheet HTML 1Page - C&D Technologies NTA1215M Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cdpoweronline.com
NTA SERIES
Isolated 1W Dual Output SM DC-DC Converters
SELECTION GUIDE
FEATURES
Wide Temperature Performance at
Full 1Watt Load, -40°C to 85°C
Lead Frame Technology
CECC00802 Reflow (280°C)
Dual Isolated Output
1kVDC Isolation
Efficiency to 78%
Power Density 1.36W/cm3
5V & 12V Input
5V, 9V, 12V and 15V Output
Footprint Over Pins 1.64cm2
UL 94V-0 Package Material
No Heatsink Required
Internal SMD Construction
Toroidal Magnetics
Plastic Encapsulated
MTTF up to 2.1 Million Hours
Custom Solutions Available
Multi Layer Ceramic Capacitors
Lead Free Compatible
DESCRIPTION
The NTA series of miniature surface mounted
DC-DC Converters employ leadframe
technology and transfer moulding techniques
to bring all of the benefits of IC style
packaging to hybrid circuitry. The devices are
fully compatible with CECC00802 to 280°C
which allows them to be placed and reflowed
with IC’s, thus reducing time and cost in
production. Co-planarity of the lead positions
is based upon IEC 191-6:1990. The devices
are suitable for all applications where high
volume production is envisaged.
Nominal
Input
Input
Output
Output
Current at
Isolation
Voltage
Voltage
Current
Rated Load Efficiency
Capacitance MTTF1
Order Code5
(V)
(V)
(mA)
(mA)
(%)
(pF)
kHrs
NTA0312M
3.3
12
±42
390
77
40
375
NTA0315M
3.3
15
±33
392
77
42
206
NTA0505M
55
±100
290
69
33
1697
NTA0509M
59
±55
267
75
38
682
NTA0512M
512
±42
260
77
44
343
NTA0515M
515
±33
256
78
43
188
NTA1205M
12
5
±100
121
69
50
559
NTA1209M
12
9
±55
113
74
72
375
NTA1212M
12
12
±42
111
75
89
243
NTA1215M
12
15
±33
110
76
100
154
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve.
3 12V input types have typically 3% less load regulation change.
4 Supply voltage must be discontinued at the end of the short circuit duration.
5 If components are required in tape and reel format suffix order code with -R, e.g. NTA0505M-R
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 3V input types
2.97
3.3
3.63
Voltage Range
Continuous operation, 5V input types
4.5
5
5.5
V
Continuous operation, 12V input types 10.8
12
13.2
Reflected Ripple Current
41
47
mA p-p
Short circuit duration4
1second
Internal power dissipation
550mW
Lead temperature 1.5mm from case for 10 seconds
300°C
Input Voltage VIN , NTA03 types
5.5V
Input Voltage VIN , NTA05 types
7V
Input voltage VIN , NTA12 types
15V
INPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
T
A = -40°C to 85°C
1.0
W
Voltage Set Point
Accuracy
See tolerance envelope
Line regulation
High V
IN to low VIN
1.0
1.2
%/%
Load Regulation3
10% load to rated load, 5V output types
10
12
%
10% load to rated load, 9V output types
6.5
8
10% load to rated load, 12V output types
6.0
8.5
10% load to rated load, 15V output types
6.0
7.0
Ripple and Noise
BW=DC to 20MHz, 5V output types
50
100
mV p-p
BW=DC to 20MHz, 9V output types
35
80
BW=DC to 20MHz, 12V output types
50
110
BW=DC to 20MHz, 15V output types
65
110
OUTPUT CHARACTERISTICS


Similar Part No. - NTA1215M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTA1215MC MURATA-NTA1215MC Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
logo
Murata Power Solutions ...
NTA1215MC MURATA-PS-NTA1215MC Datasheet
669Kb / 9P
   Isolated 1W Dual Output SM DC-DC Converters
2020
More results

Similar Description - NTA1215M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
NTV0505MC-R MURATA-NTV0505MC-R Datasheet
196Kb / 4P
   3kVDC Isolated 1W Dual Output SM DC/DC Converters
NTV1215MC MURATA-NTV1215MC Datasheet
196Kb / 4P
   3kVDC Isolated 1W Dual Output SM DC/DC Converters
NTV0505MC MURATA-NTV0505MC Datasheet
196Kb / 4P
   3kVDC Isolated 1W Dual Output SM DC/DC Converters
logo
C&D Technologies
NTV CANDD-NTV Datasheet
367Kb / 2P
   3kVDC Isolated 1W Dual Output SM DC-DC Converters
logo
Murata Power Solutions ...
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE MURATA-NTE Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com