Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHMK57160 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHMK57160
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHMK57160 Datasheet(HTML) 6 Page - International Rectifier

  IRHMK57160 Datasheet HTML 1Page - International Rectifier IRHMK57160 Datasheet HTML 2Page - International Rectifier IRHMK57160 Datasheet HTML 3Page - International Rectifier IRHMK57160 Datasheet HTML 4Page - International Rectifier IRHMK57160 Datasheet HTML 5Page - International Rectifier IRHMK57160 Datasheet HTML 6Page - International Rectifier IRHMK57160 Datasheet HTML 7Page - International Rectifier IRHMK57160 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRHMK57160
Pre-Irradiation
6
www.irf.com
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
CaseTemperature
VGS
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
P
t
t
DM
1
2
25
50
75
100
125
150
0
20
40
60
80
100
T , Case Temperature ( C)
°
C
LIMITED BY PACKAGE


Similar Part No. - IRHMK57160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHMK57160 IRF-IRHMK57160 Datasheet
180Kb / 8P
   Simple Drive Requirements
IRHMK57160 IRF-IRHMK57160_15 Datasheet
180Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHMK57160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSF2N7422U IRF-JANSF2N7422U Datasheet
132Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
IRHNJ597034 IRF-IRHNJ597034 Datasheet
152Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
IRHNJ67434 IRF-IRHNJ67434 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHNA597260 IRF-IRHNA597260 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com