Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMF1212D Datasheet(PDF) 1 Page - C&D Technologies

Part # NMF1212D
Description  Isolated 1W Regulated Single Output DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NMF1212D Datasheet(HTML) 1 Page - C&D Technologies

  NMF1212D Datasheet HTML 1Page - C&D Technologies NMF1212D Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
s
Output Regulation <1.5%
s
Controllable Output
s
1kVDC Isolation
s
Single Isolated Output
s
SIP & DIP Package Styles
s
Efficiency to 62%
s
Power Density 0.85W/cm3
s
5V, 12V, 24V & 48V Input
s
5V, 9V, 12V & 15V Output
s
Footprint from 1.17cm2
s
UL 94V-0 Package Material
s
No Heatsink Required
s
SMD Construction
s
Toroidal Magnetics
s
Fully Encapsulated
s
No External Components
s
MTTF up to 2.4 Million hours
s
PCB Mounting
s
Custom Solutions Available
DESCRIPTION
The NMF series of DC-DC Converters is
used where a tightly regulated supply is
required. They are ideal for situations where
the input voltage is not tightly controlled.
The output control pin makes the device
particularly suitable for Flash PROM
applications where an on/off controlled
voltage source is required.
SELECTION GUIDE
Nominal
Input
Output
Output
Voltage
Voltage
Current
Power Out
MTTF1
Order Code
(V)
(V)
(mA)
(mW)
(%)
(pF)
kHrs
NMF0505S
5
5
100
500
50
28
1307
NMF0509S
5
9
100
900
62
32
825
SIP
NMF0512S
5
12
83
1000
62
33
512
NMF0515S
5
15
67
1000
62
39
316
NMF1205S
12
5
100
500
50
48
456
NMF1209S
12
9
100
900
62
63
379
SIP
NMF1212S
12
12
83
1000
62
68
290
NMF1215S
12
15
67
1000
62
69
218
NMF2405S
24
5
100
500
50
84
843
NMF2409S
24
9
100
900
62
106
613
SIP
NMF2412S
24
12
83
1000
62
132
422
NMF2415S
24
15
67
1000
62
152
279
NMF4805S
48
5
100
500
50
54
200
NMF4809S
48
9
100
900
62
75
283
SIP
NMF4812S
48
12
83
1000
62
92
162
NMF4815S
48
15
67
1000
62
109
135
When operated with additional external load capacitance the rise time of the input voltage will determine the
maximum external capacitance value for guaranteed start up. The slower the rise time of the input voltage the
greater the maximum value of the additional external capacitance for reliable start up.
Parameter
Conditions
MIN
TYP
MAX
Units
Continuous operation, 5V input types
4.75
5
5.25
Continuous operation, 12V input types
11.4
12
12.6
Voltage Range
Continuous operation, 24V input types
22.8
24
25.2
V
Continuous operation, 48V input types
45.6
48
50.4
Parameter
Conditions
MIN
TYP
MAX
Units
Rated Power2
TA= 0°C to 70°C
1
W
Line Regulation High V
IN to low V IN
0.25
%/%
Load Regulation 10% load to rated load, 5V output types
0.9
1.5
%
Ripple & Noise BW=DC to 20MHz, all output types
60
mVp-p
Short-circuit duration3
1 second
Internal power dissipation
450mW
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, NMF05 types
7V
Input voltage VIN, NMF12 types
15V
Input voltage VIN, NMF24 types
28V
Input voltage VIN, NMF48 types
54V
INPUT CHARACTERISTICS
OUTPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
1 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2 See derating curve
3 Supply voltage must be discontinued at the end of the short circuit duration.
4 Replace suffix “S” with “D” for DIP package style.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
NMF SERIES
Isolated 1W Regulated Single Output DC-DC Converters
www.dc-dc.com


Similar Part No. - NMF1212D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NMF1212S ETC1-NMF1212S Datasheet
38Kb / 2P
   DC/DC Converters
NMF1212SC ETC2-NMF1212SC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results

Similar Description - NMF1212D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
   1W 3KVDC Isolated Regulated Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com