Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML0030PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML0030PBF
Description  HEXFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML0030PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML0030PBF Datasheet HTML 1Page - International Rectifier IRLML0030PBF Datasheet HTML 2Page - International Rectifier IRLML0030PBF Datasheet HTML 3Page - International Rectifier IRLML0030PBF Datasheet HTML 4Page - International Rectifier IRLML0030PBF Datasheet HTML 5Page - International Rectifier IRLML0030PBF Datasheet HTML 6Page - International Rectifier IRLML0030PBF Datasheet HTML 7Page - International Rectifier IRLML0030PBF Datasheet HTML 8Page - International Rectifier IRLML0030PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
02/29/12
IRLML0030TRPbF
HEXFET® Power MOSFET
www.irf.com
1
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
Notes
 through „ are on page 10
Application(s)
Micro3TM (SOT-23)
IRLML0030TRPbF
D
S
G
3
1
2
• Load/ System Switch
Features and Benefits
Features
Benefits
VDS
30
V
VGS Max
± 20
V
RDS(on) max
(@VGS = 10V)
27
m
Ω
RDS(on) max
(@VGS = 4.5V)
40
m
Ω
Low RDS(on) ( ≤ 27mΩ)
Lower switching losses
Industry-standard pinout
Multi-vendor compatibility
Compatible with existing Surface Mount Techniques
results in Easier manufacturing
RoHS compliant containing no lead, no bromide and no halogen
Environmentally friendly
MSL1, Industrial qualification
Increased reliability
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
100
RθJA
Junction-to-Ambient (t<10s)
f
–––
99
Max.
5.3
4.3
-55 to + 150
± 20
0.01
30
1.3
0.8
21
W
°C/W
A
PD - 96278B


Similar Part No. - IRLML0030PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML0030PBF IRF-IRLML0030PBF Datasheet
197Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
IRLML0030PBF-1 IRF-IRLML0030PBF-1 Datasheet
212Kb / 9P
   Industry-standard pinout SOT-23 Package
IRLML0030PBF-1 IRF-IRLML0030PBF-1_15 Datasheet
212Kb / 9P
   Industry-standard pinout SOT-23 Package
IRLML0030PBF IRF-IRLML0030PBF_15 Datasheet
197Kb / 10P
   ADVANCED PROCESS TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com