Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML2060TRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRLML2060TRPBF
Description  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2060TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRLML2060TRPBF Datasheet HTML 1Page - International Rectifier IRLML2060TRPBF Datasheet HTML 2Page - International Rectifier IRLML2060TRPBF Datasheet HTML 3Page - International Rectifier IRLML2060TRPBF Datasheet HTML 4Page - International Rectifier IRLML2060TRPBF Datasheet HTML 5Page - International Rectifier IRLML2060TRPBF Datasheet HTML 6Page - International Rectifier IRLML2060TRPBF Datasheet HTML 7Page - International Rectifier IRLML2060TRPBF Datasheet HTML 8Page - International Rectifier IRLML2060TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRLML2060TRPbF
4
www.irf.com
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0.0
0.5
1.0
1.5
2.0
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 48V
VDS= 30V
VDS= 12V
ID= 1.2A
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VSD, Source-to-Drain Voltage (V)
0.1
1
10
TJ = 25°C
TJ = 150°C
VGS = 0V
0
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
OPERATION IN THIS AREA
LIMITED BY R DS(on)
TA = 25°C
Tj = 150°C
Single Pulse
100μsec
1msec
10msec


Similar Part No. - IRLML2060TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2060TRPBF IRF-IRLML2060TRPBF Datasheet
210Kb / 10P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLML2060TRPBF VBSEMI-IRLML2060TRPBF Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com