Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML2060TRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML2060TRPBF
Description  HEXFETPower MOSFET Load/ System Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2060TRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRLML2060TRPBF Datasheet HTML 2Page - International Rectifier IRLML2060TRPBF Datasheet HTML 3Page - International Rectifier IRLML2060TRPBF Datasheet HTML 4Page - International Rectifier IRLML2060TRPBF Datasheet HTML 5Page - International Rectifier IRLML2060TRPBF Datasheet HTML 6Page - International Rectifier IRLML2060TRPBF Datasheet HTML 7Page - International Rectifier IRLML2060TRPBF Datasheet HTML 8Page - International Rectifier IRLML2060TRPBF Datasheet HTML 9Page - International Rectifier IRLML2060TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRLML2060TRPbF
www.irf.com
7
Fig 15. Typical Threshold Voltage vs.
Junction Temperature
Fig 16. Typical Power vs. Time
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
ID = 25μA
ID = 250μA
1
10
100
1000
10000 100000
Time (sec)
0
20
40
60
80
100


Similar Part No. - IRLML2060TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2060TRPBF IRF-IRLML2060TRPBF Datasheet
210Kb / 10P
   HEXFET Power MOSFET
logo
VBsemi Electronics Co.,...
IRLML2060TRPBF VBSEMI-IRLML2060TRPBF Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com