Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U20C40A Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # U20C40A
Description  Dual Common Anode Ultra Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U20C40A Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  U20C40A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U20C40A Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
20
8
6
4
10
16
0
0
50
100
150
CASE TEMPERATURE,
oC
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
175
200
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
U20C20A
U20C40A-U20C60A
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
10
100
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25oC
PULSE WIDTH=300uS
1% DUTY CYCLE
U20C20A
U20C40A
U20C60A
Rev.04/2014
®
U20C20A thru U20C60A


Similar Part No. - U20C40A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U20C40A THINKISEMI-U20C40A Datasheet
605Kb / 2P
   Dual Doubler Tandem Ultra Fast Recovery Diodes
U20C40A THINKISEMI-U20C40A Datasheet
817Kb / 2P
   20.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - U20C40A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR2020CTA THINKISEMI-MUR2020CTA Datasheet
590Kb / 2P
   Dual Common Anode Ultra Fast Recovery Diodes
MUR2020CA THINKISEMI-MUR2020CA Datasheet
590Kb / 2P
   Dual Common Anode Ultra Fast Recovery Diodes
MUR2020CTR THINKISEMI-MUR2020CTR Datasheet
632Kb / 2P
   20.0 Ampere Dual Common Anode Ultra Fast Recovery Diodes
MUR2020A THINKISEMI-MUR2020A Datasheet
635Kb / 2P
   20.0 Ampere Dual Common Anode Ultra Fast Recovery Diodes
U12C20A THINKISEMI-U12C20A Datasheet
622Kb / 2P
   12 Ampere Common Anode Ultra Fast Recovery Rectifier Diodes
U10A2CIA THINKISEMI-U10A2CIA Datasheet
628Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
U20D20A THINKISEMI-U20D20A Datasheet
632Kb / 2P
   20 Ampere Common Anode Ultra Fast Recovery Rectifier Diodes
MURF2020CTR THINKISEMI-MURF2020CTR Datasheet
616Kb / 2P
   20.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
logo
List of Unclassifed Man...
MURF2020CTR ETC2-MURF2020CTR Datasheet
616Kb / 2P
   20.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
logo
Thinki Semiconductor Co...
MURB1620CTRG THINKISEMI-MURB1620CTRG Datasheet
737Kb / 2P
   16.0 Ampere Surface Mount Dual Common Anode Ultra Fast Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com