Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZB84-B47 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZB84-B47
Description  General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZB84-B47 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZB84-B47 Datasheet HTML 1Page - NXP Semiconductors BZB84-B47 Datasheet HTML 2Page - NXP Semiconductors BZB84-B47 Datasheet HTML 3Page - NXP Semiconductors BZB84-B47 Datasheet HTML 4Page - NXP Semiconductors BZB84-B47 Datasheet HTML 5Page - NXP Semiconductors BZB84-B47 Datasheet HTML 6Page - NXP Semiconductors BZB84-B47 Datasheet HTML 7Page - NXP Semiconductors BZB84-B47 Datasheet HTML 8Page - NXP Semiconductors BZB84-B47 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
3 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
BZB84-B10
VS*
BZB84-C10
US*
BZB84-B11
VT*
BZB84-C11
UT*
BZB84-B12
VU*
BZB84-C12
UU*
BZB84-B13
VV*
BZB84-C13
UV*
BZB84-B15
VW*
BZB84-C15
UW*
BZB84-B16
PT*
BZB84-C16
PB*
BZB84-B18
PU*
BZB84-C18
PC*
BZB84-B20
RP*
BZB84-C20
RQ*
BZB84-B22
PV*
BZB84-C22
PD*
BZB84-B24
PW*
BZB84-C24
PE*
BZB84-B27
PX*
BZB84-C27
PF*
BZB84-B30
PY*
BZB84-C30
PG*
BZB84-B33
PZ*
BZB84-C33
PH*
BZB84-B36
RA*
BZB84-C36
PJ*
BZB84-B39
RB*
BZB84-C39
PK*
BZB84-B43
RC*
BZB84-C43
PL*
BZB84-B47
RD*
BZB84-C47
PM*
BZB84-B51
RE*
BZB84-C51
PN*
BZB84-B56
RF*
BZB84-C56
PP*
BZB84-B62
RG*
BZB84-C62
PQ*
BZB84-B68
RH*
BZB84-C68
PR*
BZB84-B75
RJ*
BZB84-C75
PS*
Table 4.
Marking codes …continued
Type number
Marking code[1]
Type number
Marking code[1]
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
IF
forward current
-
200
mA
IZSM
non-repetitive peak
reverse current
[1] -
see
Table 8, 9,
10 and 11
PZSM
non-repetitive peak
reverse power dissipation
[1] -40
W


Similar Part No. - BZB84-B47

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB84-B47 NXP-BZB84-B47 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-B47 NXP-BZB84-B47 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-B47 NXP-BZB84-B47 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-B47 NXP-BZB84-B47 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results

Similar Description - BZB84-B47

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709ART.215 NXP-2PB709ART.215 Datasheet
100Kb / 10P
   PNP general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 01-19 March 2007
NZH5V1B-115 PHILIPS-NZH5V1B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH16C,115 NXP-NZH16C,115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
NZH3V0B-115 PHILIPS-NZH3V0B-115 Datasheet
112Kb / 9P
   General-purpose Zener diodes in a SOD123F small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 01-27 January 2010
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
BZX84JB3V6.115 NXP-BZX84JB3V6.115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
BZX84J-B7V5,115 NXP-BZX84J-B7V5,115 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 2-1 August 2011
BAT54C.215 NXP-BAT54C.215 Datasheet
302Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 5-5 October 2012
BAS316.115 NXP-BAS316.115 Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
logo
KODENSHI_AUK CORP.
SDP510Q KODENSHI-SDP510Q Datasheet
132Kb / 5P
   General purpose PIN diode in a SOD-523 small SMD plastic package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com