Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-100L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2-100L
Description  CHEMTRONICS Technical Data Sheet Chem-Wik Rosin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2-100L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2-100L Datasheet HTML 1Page - List of Unclassifed Manufacturers 2-100L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DESCRIPTION
Chem-Wik
Rosin is especially designed for
today’s heat sensitive electronic components.
The
lighter
mass,
pure
copper
braid
construction
allows
for
better
thermal
conductivity, even at low temperatures.
Chem-Wik
Rosin responds as much as 50%
faster than conventional desoldering braids.
This design minimizes overheating and
requires less “contact” pressure for greater
operator control. All sizes are coated with a
Type “R” organic flux system.
 Requires little or no post solder cleaning
 No corrosive residues
 Optimized weave design for faster
wicking and heat transfer
 Halide free
 Minimal risk of heat damage to
components and circuit boards
TYPICAL APPLICATIONS
Chem-Wik
Rosin desoldering braid safely
removes solder from:
 Thru-hole Components
 Surface Mount Device Pads
 BGA Pads
 Micro Circuits
 Terminals
 Lugs and Posts
 Identification Script
TYPICAL PRODUCT DATA AND
PHYSICAL PROPERTIES
Chem-Wik
Rosin
Flux Type:
Grade WW, Type “R”
Clean-up Required:
No
Military Specifications:
MIL-F-14256F
Shelf Life – 2 years from manufacturer
date
Part #
Size
Inches
Size
Metric
2-5L
.030”
.76mm
5-5L
.050”
1.27mm
7-5L
.075”
1.91mm
10-5L
.100”
2.54mm
STATIC DISSIPATIVE PACKAGING
Static Dissipative packaging is available on
all 5 foot bobbins.
The static dissipative
bobbins qualify as electrostatic discharge
protective per DOD Standard 1686 and DOD
Handbook 263. Meets the static delay rate
provision of MIL-B-81705C.
TDS # CWik
CHEMTRONICS
Technical Data Sheet
Chem-Wik
Rosin


Similar Part No. - 2-100L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-100103-6 MACOM-2-100103-6 Datasheet
59Kb / 1P
   Assembled with AMP-LATCH MIL-Type Recept
2-100130-0 MACOM-2-100130-0 Datasheet
59Kb / 1P
   Assembled with AMP-LATCH MIL-Type Recept
2-100400-0 MACOM-2-100400-0 Datasheet
61Kb / 1P
   CONNECTOR, FEMALE-ON-BOARD SIDE-ENTRY, THRU-HOLE, W/O POLARIZATION, Micro-Match
2-100411-0 MACOM-2-100411-0 Datasheet
170Kb / 3P
   Micro Match FEMALE S.M.C. CONNECTOR
2-100526-0 MACOM-2-100526-0 Datasheet
141Kb / 2P
   Z-PACK 2mm HM FEMALE CODING KEY
More results

Similar Description - 2-100L

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com