Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-50L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 10-50L
Description  CHEMTRONICS Technical Data Sheet Chem-Wik Rosin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10-50L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  10-50L Datasheet HTML 1Page - List of Unclassifed Manufacturers 10-50L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USAGE INSTRUCTIONS
For industrial use only.
Read MSDS carefully prior to use.
1) Choose a Chem-Wik
desoldering braid
width equal to or slightly larger than the
pad or connection.
2) Choose a solder iron tip equal to or slightly
smaller than the pad or connection.
3) Set temperature of iron between 600-750
°F
4) Place wick on solder joint and place tip of hot
iron on top of wick
5) As solder becomes molten, the color of the
wick will change from copper to silver.
6) Remove wick and iron from solder joint
simultaneously once color change has stopped.
7) The component lead is now clean and free
from solder.
8) Clip and discard the used portion of the wick.
AVAILABILITY
Width
Color
Code
5 ft.
Bobbin
25 ft.
Spool
50 ft.
Spool
100 ft.
Spool
500 ft.
Spool
.030”
White
2-5L
2-25L
2-50L
2-100L
2-500L
.050”
Yellow
5-5L
5-25L
5-50L
5-100L
5-500L
.075”
Green
7-5L
7-25L
7-50L
7-100L
7-500L
.100”
Blue
10-5L
10-25L
10-50L
10-100L
10-500L
Chem-Wik
Rosin is designed to meet
or exceed the following standards:
MIL-F-14256F, Type R
MIL-STD-2000A
MIL-B-81705C
NASA NHB5300.4(3A)
NASA SP-5002
NASA NPC200-4
IPC SF-818
DOD Handbook 263
DOD Standard 1686
BELLCORE TR-NWT-00078
TECHNICAL & APPLICATION
ASSISTANCE
Chemtronics provides a technical hotline to
answer your technical and application related
questions. The toll free number is:
1-800-TECH-401.
NOTE:
This information is believed to be accurate. It is
intended for professional end users having the skills
to evaluate and use the data properly.
CHEMTRONICS does not guarantee the accuracy of
the data and assumes no liability in connection with
damages incurred while using it.
CHEMTRONICS
8125 COBB CENTER DRIVE
KENNESAW, GA 30152
1-770-424-4888
REV. D (08/13)
DISTRIBUTED BY:


Similar Part No. - 10-50L

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
10-503140-032 AMPHENOL-10-503140-032 Datasheet
13Mb / 437P
   The Interconnection Leader
logo
Anaren Microwave
10-50TV ANAREN-10-50TV Datasheet
275Kb / 2P
   DC ??4 GHz
10-50TVC ANAREN-10-50TVC Datasheet
322Kb / 2P
   BeO Ceramic
10-50TVR ANAREN-10-50TVR Datasheet
316Kb / 2P
   BeO Ceramic
More results

Similar Description - 10-50L

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com