Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR1213 Datasheet(PDF) 3 Page - C&D Technologies

Part # PWR1213
Description  3 WATT UNREGULATED DC/DC CONVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1213 Datasheet(HTML) 3 Page - C&D Technologies

  PWR1213 Datasheet HTML 1Page - C&D Technologies PWR1213 Datasheet HTML 2Page - C&D Technologies PWR1213 Datasheet HTML 3Page - C&D Technologies PWR1213 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PWR12XX
11/98
REV C
Page 3
TYPICAL PERFORMANCE CURVES
T
A = +25
°C, Rated Input Voltage, Rated Output Current unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Duration ................................................... Momentary
Internal Power Dissipation .................................................................. 1.3W
Lead Temperature (soldering, 10 seconds max) ............................ +300°C
Device Family
PWR indicates DC/DC converter
Model Number
Selected from Table of Electrical Characteristics
PWR
12XX
ORDERING INFORMATION
APPLICATION NOTES
UNBALANCED LOADS
Unbalanced loads may be used on dual output models
with either side providing up to its rated current. Output
voltages, by design, will track each other in an unbal-
anced state within ±10% of one another.
OUTPUT NOISE
Output noise can be reduced to 30mVp-p, typically, by
adding a 10µF tantalum capacitor with an equivalent
series resistance (ESR) of less than 150mW at 10kHz
across each output.


Similar Part No. - PWR1213

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1213C MURATA-PS-PWR1213C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
More results

Similar Description - PWR1213

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PWR70C MURATA-PWR70C Datasheet
82Kb / 3P
   3 Watt, High Isolation, Unregulated DC/DC Converters
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Power Solutions ...
HB01U MURATA-PS-HB01U Datasheet
105Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
logo
Murata Power Solutions ...
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
   3 watt dc-dc converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com