Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5IMX4 Datasheet(PDF) 8 Page - Power-One

Part # 5IMX4
Description  IMX4 Series Data Sheet 4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

5IMX4 Datasheet(HTML) 8 Page - Power-One

Back Button 5IMX4 Datasheet HTML 4Page - Power-One 5IMX4 Datasheet HTML 5Page - Power-One 5IMX4 Datasheet HTML 6Page - Power-One 5IMX4 Datasheet HTML 7Page - Power-One 5IMX4 Datasheet HTML 8Page - Power-One 5IMX4 Datasheet HTML 9Page - Power-One 5IMX4 Datasheet HTML 10Page - Power-One 5IMX4 Datasheet HTML 11Page - Power-One 5IMX4 Datasheet HTML 12Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
®
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AC, 06-Jul-2012
Page 8 of 12
www.power-one.com
Fig. 14
Efficiency versus input voltage and load.
Typical values (40IMX4-1212).
Fig. 13
Flexible load distribution on dual outputs (2
×12 V) with
load variation from 0 to 150% of Po1 nom on output 1.
Output 2 loaded with 25% of Po2 nom.
40
50
60
70
80
90
η [%]
05060a
25
50
75
100
Po1
Po nom
[%]
Vi nom
Vi max
Vi min
Electromagnetic Compatibility (EMC)
Electromagnetic Immunity
Table 8: Immunity type tests
Phenomenon
Standard
Class
Coupling
Value
Waveform
Source
Test
In
Per-
level
mode
applied
imped.
procedure
oper. form. 2
Electrostatic
IEC/EN
2
contact discharge
4000 Vp
1/50 ns
330
10 positive and
yes
B
discharge
61000-4-2
3
air discharge
8000 Vp
10 negative
to case
discharges
Electromagnetic IEC/EN
3 3
antenna
10 V/m
AM 80%
n.a.
80 – 1000 MHz
yes
A
field
61000-4-3
1 kHz
3
antenna
10 V/m
PM, 50% duty
n.a.
900 MHz
yes
A
cycle, 200 Hz
repetition frequ.
Electrical fast
IEC/EN
4
direct +i/–i
±4000 Vp bursts of 5/50 ns
50
60 s positive
yes
B
transients/burst 61000-4-4
5 kHz repet. rate,
60 s negative
15 ms burst,
coupling mode
300 ms period
Surges
IEC/EN
2 4
+i/–i
1000 Vp
1.2/50 µs
2
5 pos. and 5 neg.
yes
B
61000-4-5
surges
RF conducted
IEC/EN
3
+i/–i
3 VAC
AM 80%
50
0.15 to 80 MHz
yes
A
immunity
61000-4-6
(140 dBµV)
1 kHz
150 W
1 i = input, o = output
2 Performance criterion: A = normal operation, no deviation from specifications, B = temporary loss of function or deviation from specs.
3 Corresponds to the railway standard EN 50121-3-2:2000, table 9.1
4 External components required.
Vo1, Vo2 [V]
Io1
05059b
12.8
12.4
12
11.6
11.2
030
60
90
120
150 % Io1 nom
Vo2
Vo1


Similar Part No. - 5IMX4

ManufacturerPart #DatasheetDescription
logo
Power-One
5IMX4 POWER-ONE-5IMX4 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Bel Fuse Inc.
5IMX4 BEL-5IMX4 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
5IMX4 BEL-5IMX4 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
5IMX4-0305-8KZG BEL-5IMX4-0305-8KZG Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
5IMX4-0312-8KZG BEL-5IMX4-0312-8KZG Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
More results

Similar Description - 5IMX4

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com