Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20IMX4 Datasheet(PDF) 11 Page - Power-One

Part # 20IMX4
Description  IMX4 Series Data Sheet 4 Watt DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

20IMX4 Datasheet(HTML) 11 Page - Power-One

Back Button 20IMX4 Datasheet HTML 4Page - Power-One 20IMX4 Datasheet HTML 5Page - Power-One 20IMX4 Datasheet HTML 6Page - Power-One 20IMX4 Datasheet HTML 7Page - Power-One 20IMX4 Datasheet HTML 8Page - Power-One 20IMX4 Datasheet HTML 9Page - Power-One 20IMX4 Datasheet HTML 10Page - Power-One 20IMX4 Datasheet HTML 11Page - Power-One 20IMX4 Datasheet HTML 12Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
®
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AC, 06-Jul-2012
Page 11 of 12
www.power-one.com
Safety and Installation Instructions
Installation Instruction
Installation of the dc-dc converters must strictly follow the
national safety regulations in compliance with the enclosure,
mounting, creepage, clearance, casualty, markings and
segregation requirements of the end-use application.
Connection to the system shall be made via a printed circuit
board; see Mechanical Data.
The converters should be connected to a secondary circuit.
Do not open the converter.
Ensure that a converter failure does not result in a hazardous
condition.
To prevent excessive current flowing through the input lines in
case of a short-circuit, an external fuse specified in table 6
should be installed in the non-earthed input supply line.
Pin Allocation
Fig. 18
Foot print
1
12
13
24
10013a
Bottom view
Table 12: Pin allocation for standard and option Z
Pin
Single-output models
Dual-output models
2
Vi–
Vi–
3
Vi–
Vi–
10
n.c.
--
11
--
Vo–
14
Vo +
Vo+
16
Vo –
Go
22
Vi+
Vi+
23
Vi+
Vi+
Table 13: Pin allocation for option K
Pin
Single-output
models
Dual-output
models
1
Vi+
Vi+
2
n.c.
--
10
--
Go
11
--
Go
12
Vo –
--
13
Vo +
Vo–
15
--
Vo+
24
Vi–
Vi–
Standards and Approvals
The converters are approved according to UL/CSA 60950,IEC
60950-1:2001 and IEC/EN 60950-1 2nd Edition.
The converters have been evaluated for:
• Building-in
• Basic insulation input to output, based on their maximum
input voltage
• Pollution degree 2 environment
• Connecting the input to a secondary circuit, which is subject
to a maximum transient rating of 1500 V for 20IMX4 and
40IMX4, and 2000 V for 70IMX4 models.
The converters are subject to manufacturing surveillance in
accordance with the above mentioned standards and with ISO
9001:2000.
Railway Applications
To comply with railway standards, all components are coated
with a protective lacquer (except option Z).
Protection Degree
The protection degree of the converters is IP 30, except open-
frame models (option Z).
Cleaning Liquids
In order to avoid possible damage, any penetration of cleaning
fluids should be prevented, since the power supplies are not
hermetical sealed.
However, open-frame models (option Z) leave the factory
unlacquered; they may be lacquered by the customer, for
instance together with the mother board. Cleaning agents are
not permitted – except washing at room temperature with
isopropyl alcohol. If necessary, the mother board must be
cleaned, before fitting the open-frame converter.
Note:
Cleaning liquids may damage the adhesive joints of the
ferrite cores.
Isolation
The electric strength test is performed in the factory as routine
test in accordance with EN 50116 and IEC/EN 60950, and
should not be repeated in the field. Power-One will not honor
any warranty claims resulting from electric-strength field tests.
Table 14: Electric strength test voltages
Characteristic
Input to output
Unit
5IMX4
20/40IMX4 70IMX4
Factory test >1 s
0.77
1.2
1.5
kVAC
Equivalent DC test voltage
1.0
1.5
2.0
kVDC
Coupling capacitance
2.2
typ. 1.1
typ. 1.1
nF
Insulation resist. (500 VDC)
--
>100
>100
M


Similar Part No. - 20IMX4

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4 POWER-ONE-20IMX4 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4 BEL-20IMX4 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4 BEL-20IMX4 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   4 Watt DC-DC Converters
More results

Similar Description - 20IMX4

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
CP2660-7R POWER-ONE-CP2660-7R Datasheet
980Kb / 24P
   P Series Data Sheet 90 ??195 Watt DC-DC Converters
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
HBC25ZH-NT POWER-ONE-HBC25ZH-NT Datasheet
426Kb / 7P
   HBC DC-DC Series Data Sheet 300-Watt Half-Brick Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com