Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24IMS7 Datasheet(PDF) 6 Page - Power-One

Part # 24IMS7
Description  IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

24IMS7 Datasheet(HTML) 6 Page - Power-One

Back Button 24IMS7 Datasheet HTML 2Page - Power-One 24IMS7 Datasheet HTML 3Page - Power-One 24IMS7 Datasheet HTML 4Page - Power-One 24IMS7 Datasheet HTML 5Page - Power-One 24IMS7 Datasheet HTML 6Page - Power-One 24IMS7 Datasheet HTML 7Page - Power-One 24IMS7 Datasheet HTML 8Page - Power-One 24IMS7 Datasheet HTML 9Page - Power-One 24IMS7 Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BCD20007-G Rev AE, 14-May-2012
Page 6 of 14
www.power-one.com
®
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
Input Transient Voltage Protection
In many applications transient voltages on the input of the
converter may occur and are possibly caused by short circuits
between Vi+ and Vi–, where the network inductance may
cause high energy pulses.
In order to protect the converters, transient suppressors are
fitted to the input; see table below:
Table 3: Built-in transient voltage suppressor
Model
Breakdown
Peak Power
Peak Pulse
Voltage
at 1 ms
Current
VBRnom
P P
IPP
20IMX71
overvoltage lockout at approx. 38 V
24IMS72
53 V
600 W
7.7 A
40IMX72
100 V
1500 W
11 A
48IMS72
100 V
600 W
4.1 A
70IMX72
144 V
600 W
2.9 A
110IMX72
167 V
600 W
2.5 A
1 The built-in overvoltage trigger shuts down the converter at
approx. 38 V protecting the input up to 50 V. For higher transient
voltages an external suppressor or voltage limiting circuit as,
e.g., for IEC/EN 61000-4-5, level 2 compliance should be
provided.
2 If transients generating currents above the peak pulse current
are possible, an external limiting network such as the circuit
recommended for IEC/EN 61000-4-5, level 2 compliance, is
necessary.
To achieve IEC/EN 61000-4-5, level 2 compliance, an
additional inductor and capacitor should be provided
externally as shown in the figure below. The components
should have similar characteristics as listed in table 4.
Input Fuse and Reverse Polarity Protection
The suppressor diode on the input also provides for reverse
polarity protection by conducting current in the reverse
direction, thus protecting the converter. An external fuse is
required to limit this current. We recommend for:
– 20IMX7 and 24IMS7 a fast 2 A (F2A) fuse
– 40IMX7 and 48IMS7 a fast 1 A (F1A) fuse
– 70IMX7 a fast 0.63 A (F.63A) fuse
– 110IMX7 a fast 0.63 A (F.63A) fuse.
Inrush Current
The inrush current has been kept as low as possible by
choosing a very small input capacitance. A series resistor
may be inserted in the input line to limit this current further.
Fig. 5
Typical inrush current at Vi nom , Po nom measured according to
ETS 300132-2 (40IMX7).
0
1
2
3
A
0
20
40
60
80 µs
04030a
4
Table 4: Components for external circuitry to comply with
IEC/EN 61000-4-5
Model
L
C
D
20IMX7
330 µ H, 1 A, 0.115
68 µF, 63 V
1.5KE39A
24IMS7
330 µ H, 0.6 A, 0.42
68 µF, 63 V
n.a.
40IMX7
330 µ H, 0.6 A, 0.42
68 µF, 100 V
n.a.
48IMS7
330 µ H, 0.6 A, 0.42
68 µF, 100 V
n.a.
70IMX7
1000 µ H, 0.6 A, 0.42
68 µF, 100 V
n.a.
110IMX7
330 µH, 0.2 A
200 µF, 200 V
n.a.
Note:
Suppressor diode D is only necessary for 20IMX7 models.
To withstand 150 V transients according to 19 Pfl 1, applicable for
40 IMX7 models, the same external circuitry with similar
components as for IEC/EN 61000-4-5, level 2 compliance can be
used.
Fig. 4
Example for external circuitry to comply with IEC/EN
61000-4-5, level 2 (transzorb D only for 20IMX7).
Vi+
Vi–
07064
C
L
D
+
i


Similar Part No. - 24IMS7

ManufacturerPart #DatasheetDescription
logo
Power-One
24IMS7 POWER-ONE-24IMS7 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
24IMS7 POWER-ONE-24IMS7 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
24IMS7 BEL-24IMS7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
24IMS7-03-9 POWER-ONE-24IMS7-03-9 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
24IMS7-03-9 POWER-ONE-24IMS7-03-9 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
More results

Similar Description - 24IMS7

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com