Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70IMX7 Datasheet(PDF) 1 Page - Power-One

Part # 70IMX7
Description  IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

70IMX7 Datasheet(HTML) 1 Page - Power-One

  70IMX7 Datasheet HTML 1Page - Power-One 70IMX7 Datasheet HTML 2Page - Power-One 70IMX7 Datasheet HTML 3Page - Power-One 70IMX7 Datasheet HTML 4Page - Power-One 70IMX7 Datasheet HTML 5Page - Power-One 70IMX7 Datasheet HTML 6Page - Power-One 70IMX7 Datasheet HTML 7Page - Power-One 70IMX7 Datasheet HTML 8Page - Power-One 70IMX7 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BCD20007-G Rev AE, 14-May-2012
Page 1 of 14
www.power-one.com
®
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
50.8
2.0"
25.4
1.0"
10.5
0.42"
Features
RoHS lead-free-solder and lead-solder-exempted
products are available.
Input voltage ranges up to 150 VDC
1 or 2 isolated outputs up to 48 V
1200 to 2000 VAC I/O electric strength test
Extremely wide input voltage ranges
Immunity according to IEC/EN 61000-4-2, -3, -4, -5, -6
High efficiency (typ. 84%)
• Input undervoltage lockout
• Inhibit input, adjustable output voltages
• Flex power: flexible load distribution on outputs
Outputs no-load, overload, and short-circuit proof
High reliability and no derating
Operating ambient temperature –40 to +85 °C
Thermal protection
• Supplementary insulation
Planar technology for best mechanical stability
2” × 1” case with 10.5 mm profile
Description
The IMX7/IMS7 Series of board-mountable 7 Watt DC-DC
converters have been designed according to the latest
industry requirements and standards. The converters are
particularly suitable for use in mobile or stationary
applications in transport, railways, industry, or telecom, where
variable input voltages or high transient voltages are
prevailent.
Covering a total input voltage range from 8.4 V to 150 V with six
different models, the converters are available with single and
electrically-isolated double outputs from 3.3 up to 48 V with
flexible load distribution on double outputs. A shutdown input
allows remote on/off.
Features include efficient input and output filtering with good
transient and surge protection, low output ripple and noise,
consistently high efficiency over the entire input voltage range,
and high reliability as well as excellent dynamic response to
load and line changes.
The converters provide supplementary insulation with SELV
outputs as for instances required in battery-supported
systems, where the bus voltage may exceed the SELV limit of
60 V. The models 70IMX7 and 110IMX7 are CE-marked.
The circuitry is comprised of integral planar magnetics. All
components are automatically assembled and securely
soldered onto a single PCB without any wire connections.
Magnetic
feedback
ensures
maximum
reliability
and
repeatability in the control loop over all operating conditions.
Careful considerations of possible thermal stresses ensure
the absence of hot spots, providing long life in environments,
where temperature cycles are a reality. The thermal design
allows operation at full load up to an ambient temperature of
85 °C in free air without using any potting material. For
extremely high vibration environments the case has holes for
screw mounting.
Several options, such as open-frame, provide a high level of
application-specific engineering and design-in flexibility.
Table of Contents
Page
Page
Description ............................................................................ 1
Model Selection ..................................................................... 2
Functional Description .......................................................... 3
Electrical Input Data .............................................................. 4
Electrical Output Data ............................................................ 7
Auxiliary Functions ................................................................. 9
Electromagnetic Compatibility (EMC) ................................. 11
Immunity to Environmental Conditions ............................... 12
Mechanical Data .................................................................. 13
Safety and Installation Instructions ..................................... 13
Description of Options ........................................................ 14
Safety-approved to IEC 60950-1 and UL/CSA 60950-1
2nd Edition.
1 70/110IMX7models
1


Similar Part No. - 70IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX7 POWER-ONE-70IMX7 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
70IMX7 POWER-ONE-70IMX7 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
70IMX7 BEL-70IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
70IMX7-03-8 POWER-ONE-70IMX7-03-8 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
70IMX7-03-8 BEL-70IMX7-03-8 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results

Similar Description - 70IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com