Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM4830 Datasheet(PDF) 1 Page - C&D Technologies

Part # RM4830
Description  30 AMP MODULAR SWITCHED MODE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM4830 Datasheet(HTML) 1 Page - C&D Technologies

  RM4830 Datasheet HTML 1Page - C&D Technologies RM4830 Datasheet HTML 2Page - C&D Technologies RM4830 Datasheet HTML 3Page - C&D Technologies RM4830 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RM4830 6/98 REV A
Page 1
30 AMP
MODULAR SWITCHED MODE RECTIFIER
RM4830
Product Data Sheet
FEATURES
SWITCHED MODE
> .99 PFC
> 85% EFFICIENCY
HOT-SWAP CAPABLE
AUTOMATIC LOAD SHARING
COMPACT SIZE
SHELF MOUNTED
BELLCORE BASED DESIGN
REMOTE RESTART FUNCTION
!
FRONT PANEL CURRENT METER
BATTERY OR BATTERYLESS OPERATION
INTELLIGENT HIGH VOLTAGE SHUTDOWN
GUARANTEED NO SINGLE PART FAILURE WILL
RESULT IN OUTPUT HIGH VOLTAGE
THD <5%
DESCRIPTION
The RM4830 Modular Switched-Mode Rectifier is one of
C&D Technologies’ family of rectifiers that may be used in
modular power plants. This unit will function in parallel
with any rectifier with similar current sharing capacities.
This compact, versatile and efficient unit is ideal for use in
small to medium cellular and PCS sites.
AGENCY APPROVALS
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - RM4830

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM4830 CANDD-RM4830 Datasheet
117Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
More results

Similar Description - RM4830

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM4850 CANDD-RM4850 Datasheet
250Kb / 4P
   50 AMP MODULAR SWITCHED MODE RECTIFIER
RM24150 CANDD-RM24150 Datasheet
425Kb / 4P
   150 AMP MODULAR SWITCHED MODE RECTIFIER
TPS_RM4830 CANDD-TPS_RM4830 Datasheet
117Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
TPS_RM24150 CANDD-TPS_RM24150 Datasheet
130Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
5RM487 CANDD-5RM487 Datasheet
167Kb / 4P
   7.5 AMP Modular Switch Mode Rectifier
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
   HIGH EFFICIENCY SWITCHED MODE RECTIFIER
logo
PowerDynamics, Inc
SCM330MI4W POWERDYNAMICS-SCM330MI4W Datasheet
382Kb / 1P
   30 AMP UNFUSED SWITCHED PIN & SLEEVE MECHANICAL INTERLOCK
logo
C&D Technologies
TPS_RM4875 CANDD-TPS_RM4875 Datasheet
118Kb / 4P
   MODULAR SWITCH MODE RECTIFIER
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
   30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER 30 Amp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com