Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

195D476X0020R2T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 195D476X0020R2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

195D476X0020R2T Datasheet(HTML) 5 Page - Vishay Siliconix

  195D476X0020R2T Datasheet HTML 1Page - Vishay Siliconix 195D476X0020R2T Datasheet HTML 2Page - Vishay Siliconix 195D476X0020R2T Datasheet HTML 3Page - Vishay Siliconix 195D476X0020R2T Datasheet HTML 4Page - Vishay Siliconix 195D476X0020R2T Datasheet HTML 5Page - Vishay Siliconix 195D476X0020R2T Datasheet HTML 6Page - Vishay Siliconix 195D476X0020R2T Datasheet HTML 7Page - Vishay Siliconix 195D476X0020R2T Datasheet HTML 8Page - Vishay Siliconix 195D476X0020R2T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
195D
www.vishay.com
Vishay Sprague
Revision: 28-Jun-13
5
Document Number: 40001
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT + 85 °C, 7 VDC AT + 125 °C
10
X
195D106(1)010X(2)(3)
1.0
6
15
F
195D156(1)010F(2)(3)
1.5
6
15
X
195D156(1)010X(2)(3)
1.5
6
22
Y
195D226(1)010Y(2)(3)
2.2
6
33
G
195D336(1)010G(2)(3)
3.3
6
33
Z
195D336(1)010Z(2)(3)
3.0
6
47
H
195D476(1)010H(2)(3)
4.7
6
47
Z
195D476(1)010Z(2)(3)
4.7
6
68
R
195D686(1)010R(2)(3)
6.8
6
100
H
195D107(1)010H(2)(3)
8.0
7
100
R
195D107(1)010R(2)(3)
10.0
8
120
R
195D127(1)010R(2)(3)
12.0
8
150
R
195D157(1)010R(2)(3)
15.0
8
15 VDC AT + 85 °C, 10 VDC AT + 125 °C
0.47
A
195D474(1)015A(2)(3)
0.5
6
0.68
A
195D684(1)015A(2)(3)
0.5
6
1.0
B
195D105(1)015B(2)(3)
0.5
6
1.5
B
195D155(1)015B(2)(3)
0.5
6
3.3
D
195D335(1)015D(2)(3)
0.5
6
4.7
E
195D475(1)015E(2)(3)
0.7
6
10
F
195D106(1)015F(2)(3)
1.5
6
22
G
195D226(1)015G(2)(3)
3.3
6
33
H
195D336(1)015H(2)(3)
5.0
6
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
0.47
A
195D474(1)016A(2)(3)
0.5
6
0.68
A
195D684(1)016A(2)(3)
0.5
6
1.0
B
195D105(1)016B(2)(3)
0.5
6
1.0
C
195D105(1)016C(2)(3)
0.5
4
1.5
B
195D155(1)016B(2)(3)
0.5
6
1.5
S
195D155(1)016S(2)(3)
0.5
6
2.2
S
195D225(1)016S(2)(3)
0.5
6
3.3
D
195D335(1)016D(2)(3)
0.5
6
3.3
S
195D335(1)016S(2)(3)
0.5
6
4.7
E
195D475(1)016E(2)(3)
0.7
6
4.7
V
195D475(1)016V(2)(3)
0.7
6
6.8
X
195D685(1)016X(2)(3)
1.0
6
10
F
195D106(1)016F(2)(3)
1.5
6
10
X
195D106(1)016X(2)(3)
1.5
6
15
Y
195D156(1)016Y(2)(3)
2.3
6
22
G
195D226(1)016G(2)(3)
3.3
6
22
Y
195D226(1)016Y(2)(3)
3.2
6
22
Z
195D226(1)016Z(2)(3)
3.3
6
33
H
195D336(1)016H(2)(3)
5.0
6
33
Z
195D336(1)016Z(2)(3)
5.0
6
47
R
195D476(1)016R(2)(3)
7.1
6
68
R
195D686(1)016R(2)(3)
10.2
6
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz (%)
Note
• Part number definitions:
(1) Tolerance: For 10 % tolerance, specify “X9”, for 20 % tolerance, change to “X0”
(2) Termination: For 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: For 7" reels specify “T”, for 13" reels specify “W”


Similar Part No. - 195D476X0020R2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D476X_004Y2T VISHAY-195D476X_004Y2T Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
195D476X_010H2T VISHAY-195D476X_010H2T Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
195D476X_010Z2T VISHAY-195D476X_010Z2T Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
195D476X_016R2T VISHAY-195D476X_016R2T Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
195D476X_020R2T VISHAY-195D476X_020R2T Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
More results

Similar Description - 195D476X0020R2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
194D VISHAY-194D_17 Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com