Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24IMS7-12-9C Datasheet(PDF) 9 Page - Power-One

Part # 24IMS7-12-9C
Description  IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

24IMS7-12-9C Datasheet(HTML) 9 Page - Power-One

Back Button 24IMS7-12-9C Datasheet HTML 5Page - Power-One 24IMS7-12-9C Datasheet HTML 6Page - Power-One 24IMS7-12-9C Datasheet HTML 7Page - Power-One 24IMS7-12-9C Datasheet HTML 8Page - Power-One 24IMS7-12-9C Datasheet HTML 9Page - Power-One 24IMS7-12-9C Datasheet HTML 10Page - Power-One 24IMS7-12-9C Datasheet HTML 11Page - Power-One 24IMS7-12-9C Datasheet HTML 12Page - Power-One 24IMS7-12-9C Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
®
BCD20007-G Rev AD, 4-Nov-09
Page 9 of 15
www.power-one.com
IMX7/IMS7 DC-DC Series Data Sheet
7-Watt DC-DC Converters
Fig. 10
Flexible load distribution on double-outputs models (2
×12 V)
with load variation from 0 to 150% of Po1 nom on output 1.
Output 2 loaded with 25% of Po2 nom.
Vo1, Vo2 [V]
Io1
Io1 nom
05059a
12.8
12.4
12
11.6
11.2
030
60
90
120
150
[%]
Vo2
Vo1
Typical Performance Curves
Fig. 9
Cross load regulation (typ.) of double-output models (2
×12
V). The cross-load effect is negligible.
11
11.5
12
12.5
13
13.5
Vo1 [V]
0.10
0.15
0.20
0.25
0.3
Io1 [A]
0.05
05088a
Io2 = 0.3 A
Io2 = 0.03 A
Auxiliary Functions
Inhibit Function
The output(s) of the converter may be enabled or disabled by
means of a logic signal (TTL, CMOS, etc.) applied to the inhibit
pin. No output voltage overshoot will occur, when the converter
is turned on. If the inhibit function is not required, the inhibit pin
Vi+
Vi –
i
06070
Fig. 11
Efficiency versus input voltage and load.
Typical values (40IMX7-12-12-8).
40
50
60
70
80
90
05052a
25
50
75
100 %
Po
Po nom
Vi nom
Vi max
Vi min
η [%]
Fig. 12
If the inhibit is not used, the inhibit pin should be connected
to Vi–
should be connected to Vi– to enable the output (active low
logic, fail safe).
Converter operating:
–10 V to 0.8 V
Converter inhibited
or inhibit pin i left open:
2.4 V to Vi max
(20/40IMX7,
24/48IMS7)
2.4 V to 75 V
(70/110IMX7)
Adjustable Output Voltage
As a standard feature, all IMX7 and IMS7 converters offer
adjustable output voltage(s) by using a control pin. If this pin is
left open-circuit, the output voltage is set to Vo nom. The output
voltage is adjustable in the range of 75 to 105% of Vo nom.The
circuit works for single- and double-output models in a
different way. For output voltages Vo > Vo nom, the minimum
input voltage Vi min (see Electrical Input Data) increases
proportionally to Vo/Vo nom.


Similar Part No. - 24IMS7-12-9C

ManufacturerPart #DatasheetDescription
logo
Power-One
24IMS7-12-9C POWER-ONE-24IMS7-12-9C Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
More results

Similar Description - 24IMS7-12-9C

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com