Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM4850 Datasheet(PDF) 2 Page - C&D Technologies

Part # RM4850
Description  50 AMP MODULAR SWITCHED MODE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

RM4850 Datasheet(HTML) 2 Page - C&D Technologies

  RM4850 Datasheet HTML 1Page - C&D Technologies RM4850 Datasheet HTML 2Page - C&D Technologies RM4850 Datasheet HTML 3Page - C&D Technologies RM4850 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RM4850 4/98 REV A
Page 2
Input Specifications
Hot Swappable Modules
These shelf-mounted modules are easy and safe to install
or remove while system is operational without affecting
the overall system’s performance.
Parallel Operation and Automatic Load Sharing
Forced or passive load sharing is available between
modules of the same operating voltages in parallel
applications.
Current Limit
The Current Limit is adjustable between 0A to 50A. Upon
exceeding this limit, the rectifier automatically reduces
output voltage.
Safety
UL/CUL Recognized: UL 1950/CSA 950.
File Number: E181908
GENERAL FEATURES
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
45 - 65 Hz, single phase, no taps required
176
264
VAC
Current
Adjustable
0
50
A
Efficiency
>90
%
Power Factor Correction (PFC)
>.99
MEASUREMENTS OF RM4850
Module
Weight
25 lbs.
Height
7U (12.25”)
Depth
15.25”
Width
5”
Shelf*
Weight
18 lbs.
Height
7U (12.25”)
Depth
15.25” maximum
Width
23” rack mount
* These measurements are specifically for the 200A Power Shelf for up to 4 quantity RM4850
Please contact the factory for other shelf and power plant options.
Alarm Outputs
Rectifier Fail Alarm
(RFA)
Equalize Occurring
(EQO)
High Voltage Occurring
(HVO)
Temporary Restraint Occurring
(TRO)
Thermal Shutdown Occurring
(THSD)
Open Sense Lead Has Occurred
(OS)
Low Current Alarm
(LCA)
AC Power Has Failed Alarm
(ACF)
Rectifier Fan Has Failed Alarm
(FF)
DC Breaker Is Open Alarm
(DCBKR)
AC Breaker Is Open Alarm
(ACBKR)
Note: All alarms are “Form A” relay type contacts
Control Inputs
High Voltage Shutdown
(HVSD)
Restart
(RS)
Equalize
(EQ)
Temporary Release
(TR)
Emergency Shutdown
(EMSD)
}
}
All control inputs
are initiated with
a ground closure
24VAC voltage
reference to
ground


Similar Part No. - RM4850

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM4830 CANDD-RM4830 Datasheet
210Kb / 4P
   30 AMP MODULAR SWITCHED MODE RECTIFIER
RM4830 CANDD-RM4830 Datasheet
117Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
RM4875 CANDD-RM4875 Datasheet
167Kb / 4P
   7.5 AMP Modular Switch Mode Rectifier
RM4875 CANDD-RM4875 Datasheet
118Kb / 4P
   MODULAR SWITCH MODE RECTIFIER
logo
Texas Instruments
RM48L530 TI1-RM48L530 Datasheet
2Mb / 147P
[Old version datasheet]   RM48Lx30 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM4850

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
RM4830 CANDD-RM4830 Datasheet
210Kb / 4P
   30 AMP MODULAR SWITCHED MODE RECTIFIER
RM24150 CANDD-RM24150 Datasheet
425Kb / 4P
   150 AMP MODULAR SWITCHED MODE RECTIFIER
TPS_RM4830 CANDD-TPS_RM4830 Datasheet
117Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
TPS_RM24150 CANDD-TPS_RM24150 Datasheet
130Kb / 4P
   MODULAR SWITCHED MODE RECTIFIER
5RM487 CANDD-5RM487 Datasheet
167Kb / 4P
   7.5 AMP Modular Switch Mode Rectifier
logo
STMicroelectronics
STSR220 STMICROELECTRONICS-STSR220 Datasheet
23Kb / 3P
   HIGH EFFICIENCY SWITCHED MODE RECTIFIER
logo
C&D Technologies
TPS_RM4875 CANDD-TPS_RM4875 Datasheet
118Kb / 4P
   MODULAR SWITCH MODE RECTIFIER
logo
Microsemi Corporation
1N6097 MICROSEMI-1N6097 Datasheet
120Kb / 2P
   50 Amp Schottky Rectifier
logo
Digitron Semiconductors
1N6097 DIGITRON-1N6097 Datasheet
135Kb / 2P
   50 AMP SCHOTTKY RECTIFIER
logo
Microsemi Corporation
SBR5090PF MICROSEMI-SBR5090PF Datasheet
111Kb / 2P
   50 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com