Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

199DPST-NO Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 199DPST-NO
Description  SPDT, DPDT, DPST-N.O., SPST-N.C.-D.B. & SPST-N.O.-D.M., 10 TO 50 AMPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

199DPST-NO Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 199DPST-NO Datasheet HTML 2Page - List of Unclassifed Manufacturers 199DPST-NO Datasheet HTML 3Page - List of Unclassifed Manufacturers 199DPST-NO Datasheet HTML 4Page - List of Unclassifed Manufacturers 199DPST-NO Datasheet HTML 5Page - List of Unclassifed Manufacturers 199DPST-NO Datasheet HTML 6Page - List of Unclassifed Manufacturers 199DPST-NO Datasheet HTML 7Page - List of Unclassifed Manufacturers 199DPST-NO Datasheet HTML 8Page - List of Unclassifed Manufacturers 199DPST-NO Datasheet HTML 9Page - List of Unclassifed Manufacturers 199DPST-NO Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
120 VAC
24 VDC
290
Ω
290
Ω
W199ADEX-4
W199DEX-3
GENERAL
GENERAL SPECIFICA
SPECIFICATIONS
TIONS
SPST-N.O.- D.M., 50 AMPS
VERTICAL MOUNTING
RECOMMENDED WITH
CONTACTS UP
UP
0.187 DIA.
(2 PLACES)
COIL
Pull-in Voltage:
Dropout Voltage:
Coil Resistance:
Coil Power:
Max. Coil Dissipation:
Duty:
CONTACTS
Contact Material:
Contact Rating
TIMING
Operate Time:
Release Time:
85% of nominal voltage or less for AC coils
80% of nominal voltage or less for DC coils
10% of nominal voltage or more @ 25˚C
± 10% @ 25˚C
2.0 watts DC., 10 VA (60Hz) AC @ 25˚C
DC coils-4 watts max.
Continuous.
Silver cadmium oxide, gold flashed.
5/16" diameter standard.
50 amps up to 300VAC, 50/60Hz
50 amps @ 28 VDC resistive load,
loads must have current limiting to insure
that inrush current will not exceed 100 amps
NEMA A600 pilot duty 50/60Hz
40 milliseconds max. @ nominal voltage
30 milliseconds max. @ nominal voltage.
1500 V rms
2200 V rms
(AC) -30˚C to +50˚C,
(DC) -30˚C +60˚C
-55˚C to +100˚C
100,000 operations
@ rated resistive load
1,000,000 operations @ no load
6-32 Combination head screws
AMG 2-12 Pressure wire connector
Molded phenolic, UL recognized (QMFZ2)
227 grams approx.
AUXILIARY CONTACTS AND OTHER COIL VOLTAGES ARE AVAILABLE ON SPECIAL ORDER.
CONTACT FACTORY FOR SPECIAL REQUIREMENTS.
AC OPERATED WITH SCREW TERMINALS
DC OPERATED WITH SCREW TERMINALS
3.50 MAX.
(88.9)
199DE
HIGH POWER RELAY
2.18 MAX.
(55.37)
2.43 MAX.
(61.7)
1.62
(41.14)
0.375
(9.5)
1.87
(47.5)
2.50 MAX.
(63.5)
0.10
(2.54)
BOX
TERMINAL’S
50 AMP BOX TERMINALS ACCEPT
NO.14 THRU NO. 6 AWG. WIRE
WIRING DIAGRAM
(VIEWED FROM PIN END)
CLASS
STANDARD
PART
NUMBERS
NOMINAL
INPUT
VOLTAGE
NOMINAL
RESISTANCE
(OHMS)
COIL MEASURED @ 25˚C
OUTLINE DIMENSIONS
DIMENSIONS SHOWN IN INCHES & (MILLIMETERS).
Optional metal enclosure
available, see page 12
3...11
DIELECTRIC STRENGTH
Between Open Contacts:
Mutually Insulated
Conductive elements:
TEMPERATURE
Operating Range:
Non-Operating Storage
Range:
LIFE EXPECTANCY
Electrical:
Mechanical:
MISCELLANEOUS
Coil Terminals:
Load Terminals:
Base Material:
Weight:


Similar Part No. - 199DPST-NO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D VISHAY-199D Datasheet
60Kb / 4P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision 07-May-03
199D VISHAY-199D Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D1041035A23 VISHAY-199D1041035A23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D1041050A23 VISHAY-199D1041050A23 Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
199D104XXXXX VISHAY-199D104XXXXX Datasheet
119Kb / 8P
   Solid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
01-Jan-2022
More results

Similar Description - 199DPST-NO

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZPRD AZETTLER-AZPRD Datasheet
437Kb / 3P
   SPST, DPST, SPDT, and DPDT versions available
logo
Tyco Electronics
AV-875 MACOM-AV-875 Datasheet
32Kb / 1P
   AV-875 SPST N.O.,60 Amps, 270 VDC
A-770 MACOM-A-770 Datasheet
58Kb / 1P
   A-770 SPST N.O., 300 Amps, 28 VDC
A-871F MACOM-A-871F Datasheet
48Kb / 1P
   A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-772XTB MACOM-A-772XTB Datasheet
56Kb / 1P
   A-772XTB SPST N.O., 200 Amps, 28 VDC
A-754JD MACOM-A-754JD Datasheet
67Kb / 1P
   A-754JD SPST N.O., 150 Amps, 120 VDC
A-701P-I MACOM-A-701P-I Datasheet
62Kb / 1P
   A-701P-I SPST N.O., 400 Amps, 28 VDC
A-701P-3 MACOM-A-701P-3 Datasheet
60Kb / 1P
   A-701P-3 SPST N.O., 500 Amps, 28 VDC
A-751D-I MACOM-A-751D-I Datasheet
28Kb / 1P
   A-751D-I SPST N.O., 150 Amps, 110 VDC
D-7AC MACOM-D-7AC Datasheet
94Kb / 1P
   D-7AC 2SPST 1 N.O. & 1 N.C.,50 Amps, 28 VDC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com